Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF420 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BF420
Descripción Electrónicos  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BF420 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BF420 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BF420 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BF420 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BF420 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www
.cj-elec.com

E,Aug,2017
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX UNIT
Collector-base breakdown voltage
BF420
BF422
V(BR)CBO
IC=100μA, IE=0
300
250
V
Collector-emitter breakdown voltage
BF420
BF422
V(BR)CEO
IC= 1mA , IB=0
300
250
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=200V, IE=0
0.01
μ
A
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.05
μ
A
DC current gain
hFE
VCE=20V, IC=25mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=30mA, IB= 5mA
0.6
V
Transition frequency
f T
VCE=10V, IC= 10mA
f=100MHz
60
MHz
Feedback capacitance
Cre
VCE=30V,IC=0,f=1MHz
1.6
pF


Número de pieza similar - BF420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BF420 MOTOROLA-BF420 Datasheet
114Kb / 4P
   High Voltage Transistors(NPN)
logo
Micro Commercial Compon...
BF420 MCC-BF420 Datasheet
228Kb / 2P
   NPN Silicon Plastic-Encapsulate Transistor
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
   High Voltage Transistors(NPN Silicon)
REV 1
logo
SHENZHEN YONGERJIA INDU...
BF420 WINNERJOIN-BF420 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
NXP Semiconductors
BF420 PHILIPS-BF420 Datasheet
62Kb / 6P
   NPN high-voltage transistors
2004 Nov 10
More results

Descripción similar - BF420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com