Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2400DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2400DBVT
Descripción Electrónicos  OVERVOLTAGE PROTECTION CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2400DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2400DBVT Datasheet HTML 6Page - Texas Instruments TPS2400DBVT Datasheet HTML 7Page - Texas Instruments TPS2400DBVT Datasheet HTML 8Page - Texas Instruments TPS2400DBVT Datasheet HTML 9Page - Texas Instruments TPS2400DBVT Datasheet HTML 10Page - Texas Instruments TPS2400DBVT Datasheet HTML 11Page - Texas Instruments TPS2400DBVT Datasheet HTML 12Page - Texas Instruments TPS2400DBVT Datasheet HTML 13Page - Texas Instruments TPS2400DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TPS2400
SLUS599 − JUNE 2004
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 10
−50
20
0
0
50
100
150
60
40
100
80
140
120
180
160
INPUT SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
VIN= 6.5 V
VIN= 3.1 V
VIN= 5.0 V
VIN is within the
GATE Enable Range
Figure 11
−50
0
0
50
100
150
100
300
200
500
400
600
800
700
TJ − Junction Temperature − °C
INPUT SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
VVIN > VOVP
VIN= 100 V
VIN= 75 V
VIN= 50 V
VIN= 25 V
VIN= 10 V
Figure 12
0
2
510
15
4
3
5
6
8
7
GATE SOURCING CURRENT
vs
GATE VOLTAGE
VGATE − Gate Voltage − V
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.1 V
Figure 13
0
2
510
15
20
4
3
5
6
8
7
GATE SOURCING CURRENT
vs
GATE VOLTAGE
VIN = 5 V
VGATE − Gate Voltage − V
TJ = 125°C
TJ = 25°C
TJ = −40°C


Número de pieza similar - TPS2400DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2400DBVT TI1-TPS2400DBVT Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
TPS2400DBVTG4 TI1-TPS2400DBVTG4 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
More results

Descripción similar - TPS2400DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com