Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4565DY Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI4565DY
Descripción Electrónicos  N- and P-Channel 40-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4565DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4565DY Datasheet HTML 1Page - Vishay Siliconix SI4565DY Datasheet HTML 2Page - Vishay Siliconix SI4565DY Datasheet HTML 3Page - Vishay Siliconix SI4565DY Datasheet HTML 4Page - Vishay Siliconix SI4565DY Datasheet HTML 5Page - Vishay Siliconix SI4565DY Datasheet HTML 6Page - Vishay Siliconix SI4565DY Datasheet HTML 7Page - Vishay Siliconix SI4565DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si4565DY
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73224
S-50033—Rev. A, 17-Jan-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
0.01
0
1
80
100
40
60
10
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
20
0.001
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.04
0.08
0.12
0.16
0.20
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 5.2 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
−0.6
−0.4
−0.2
−0.0
0.2
0.4
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ − Temperature (_C)
Safe Operating Area, Junction-to-Foot
100
1
0.1
1
10
100
0.01
10
100 ms
0.1
*Limited by rDS(on)
TC = 25_C
Single Pulse
1 s
10 s
dc
10 ms
VDS − Drain-to-Source Voltage (V)
*VGS u minimum VGS at which rDS(on) is specified
TA = 125_C
TA = 25_C
1 ms


Número de pieza similar - SI4565DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SI4565DY-T1-E3 VBSEMI-SI4565DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Descripción similar - SI4565DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI4564DY VISHAY-SI4564DY Datasheet
154Kb / 12P
   N- and P-Channel 40 V (D-S) MOSFET
Rev. B, 22-Feb-10
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com