Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP1117S18 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza STP1117S18
Descripción Electrónicos  1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STP1117S18 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  STP1117S18 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STP1117S18 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Elektronische Bauelemente
STP1117Sxx Series
1.0A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
27-Jun-2017 Rev. B
Page 3 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS(I
LOAD=0mA, TJ=25°C unless otherwise specified )
Parameter
Symbol
Device
Min.
Typ.
Max
Unit
Test conditions
Operating Voltage
4
VIN
-
-
16
V
1.232
1.250
1.268
ILOAD=10mA, VIN=5V
Reference Voltage
1
VIROC
Adj
1.225
1.250
1.275
V
ILOAD=10mA to1A,
1.5V ≤ VIN-VOUT ≤ 10V
4
-1.5
-
1.5
VIN=VOUT=1.5V,
Variator from nominal VOUT
All fixed
version
-2
-
2
Output Voltage
1
VO
VOUT=1.2V
-3
-
2
%
1.5V ≤ VIN-VOUT ≤ 10V,
ILOAD=0mA to 1A,
Variator from nominal VOUT
4
Output Voltage Accuracy
@Wafer Testing
VO
All
-0.6
0
0.6
%
VIN=VOUT=1.5V, ILOAD=10mA
Line Regulation
LNR
All
-
0.04
0.238
%
ILOAD=10mA, 1.5V ≤ VIN-VOUT ≤ 10V
4
Load Regulation
1
LDR
All
-
0.2
0.25
%
VIN=VOUT=1.5V, ILOAD=10mA to1A
4
Minimum Load Current
IL
adj
-
2
7
mA VIN=5V, VADJ=0V
4
Ground Pin Current
All fixed
version
-
35
10
mA VIN=VOUT=1.5V, ILOAD=10mA to1A
4
Adjust Pin Current
Adj
-
35
60
uA
ILOAD=10mA, 1.5V ≤ VIN-VOUT ≤ 10V
4
Current Limit
All
1
1.5
2
A
VIN-VOUT=1.5V
4
Ripple Rejection
2
RR
All
60
-
-
dB
VIN-VOUT=2.5V, ILOAD=1A
Dropout Voltage
1.3
VD
All
-
1.2
1.4
V
ILOAD=1A
4
Temperature Coefficient
All
-
-
0.015
%/°C VIN-VOUT=1.5V, ILOAD=10mA
4
Notes:
1.
Low duty pulse testing with Kelvin connections required.
2.
120Hz input ripple (CADJ for ADJ = 25µF).
3.
△VOUT, △VREF=1%
4.
The specifications which apply over the full temperature range: −40°C ≤ TJ ≤ 125°C.


Número de pieza similar - STP1117S18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP110N10F7 STMICROELECTRONICS-STP110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
logo
Inchange Semiconductor ...
STP110N10F7 ISC-STP110N10F7 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP110N10F7 DOINGTER-STP110N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
   N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
   N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
October 2016
More results

Descripción similar - STP1117S18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SJA1117B SECOS-SJA1117B Datasheet
220Kb / 3P
   1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1116 ANACHIP-AP1116 Datasheet
140Kb / 5P
   0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com