Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT2G66DP Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74HCT2G66DP
Descripción Electrónicos  Bilateral switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G66DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 9Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 10Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 11Page - NXP Semiconductors 74HCT2G66DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2004 May 19
8
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Resistance RON for 74HC2G66 and 74HCT2G66
See notes 1 and 2.
Notes
1. For 74 HCT2G66 only VCC = 4.5 V applies; for 74HC2G66 all VCC values apply.
2. At supply voltages near 2 V, the analog switch ON-resistance is extremely non linear. When using a supply of 2 V,
it is recommended is to use these devices only for digital signals.
3. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V) Is (µA)
Tamb = −40 °C to +85 °C; note 3
RON(peak)
ON-resistance (peak)
Vis =VCC to GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
250
−Ω
4.5
1000
41
118
6.0
1000
30
105
9.0
1000
21
88
RON(rail)
ON-resistance (rail)
Vis = GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
65
−Ω
4.5
1000
28
95
6.0
1000
22
82
9.0
1000
18
70
Vis =VCC;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
65
−Ω
4.5
1000
31
106
6.0
1000
23
94
9.0
1000
19
78
∆RON
maximum variation of
ON-resistance between
the two channels
Vis =VCC to GND;
VI =VIH or VIL;
see Figs 5 and 6
4.5
−−
5
−Ω
6.0
−−
4
−Ω
9.0
−−
3
−Ω
Tamb = −40 °C to +125 °C
RON(peak)
ON-resistance (peak)
Vis =VCC to GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−−−Ω
4.5
1000
−−
142
6.0
1000
−−
126
9.0
1000
−−
105
RON(rail)
ON-resistance (rail)
Vis = GND;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−−−Ω
4.5
1000
−−
115
6.0
1000
−−
100
9.0
1000
−−
80
Vis =VCC;
VI =VIH or VIL;
see Figs 5 and 6
2.0
100
−−−Ω
4.5
1000
−−
128
6.0
1000
−−
113
9.0
1000
−−
95


Número de pieza similar - 74HCT2G66DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT2G66DP NXP-74HCT2G66DP Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HCT2G66DP NXP-74HCT2G66DP Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HCT2G66DP NEXPERIA-74HCT2G66DP Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66DP-Q100 NEXPERIA-74HCT2G66DP-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74HCT2G66DP-Q100 NEXPERIA-74HCT2G66DP-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
More results

Descripción similar - 74HCT2G66DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
Nexperia B.V. All right...
74LV4066 NEXPERIA-74LV4066 Datasheet
315Kb / 21P
   Quad bilateral switches
Rev. 5 - 24 October 2022
logo
NXP Semiconductors
74LVC4066 PHILIPS-74LVC4066 Datasheet
133Kb / 23P
   Quad bilateral switches
2003 Aug 12
74LV4066 PHILIPS-74LV4066_15 Datasheet
138Kb / 23P
   Quad bilateral switches
Rev. 03-4 July 2005
74LV4316 PHILIPS-74LV4316 Datasheet
156Kb / 16P
   Quad bilateral switches
1998 Jun 23
74HC4316 PHILIPS-74HC4316 Datasheet
130Kb / 15P
   Quad bilateral switches
September 1993
logo
Unisonic Technologies
U74HC4066 UTC-U74HC4066_15 Datasheet
276Kb / 7P
   QUAD BILATERAL SWITCHES
logo
NXP Semiconductors
74HC4016 PHILIPS-74HC4016 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC4066 PHILIPS-74HC4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com