Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4731A Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza 1N4731A
Descripción Electrónicos  1 .0 W ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4731A Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4731A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4731A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4731A Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. *Add "-A" or "-T" to the appropriate type number in Table 1. Example: 6.2V Zener = 1N4735A-A for ammo pack.
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
0
0.2
0.4
0.6
0.8
1.0
0
40
80
120
160
200
T , AMBIENT TEMPERATURE ( C)
A
Fig.1 Power Dissipation vs Ambient Temperature
0
250
0
5
15
20
25
30
l, Lead Length (mm)
Fig. 2 Typical Thermal Resistance vs. Lead Length
10
200
50
100
150
1
10
100
1000
1
10
100
V , ZENER VOLTAGE (V)
Z
Fig. 4 Typical Zener Impedance vs. Zener Voltage
I = 1mA
Z
2mA
10mA
20mA
5mA
1
10
100
1000
0
10
20
30
40
50
60
V , ZENER VOLTAGE (V)
Z
Fig.3, Junction Capacitance vs Zener Voltage
f = 1MHz
T = 25C
A
V = 0V
R
V = 2V
R
V = 5V
R
V = 20V
R
V = 30V
R
Ordering Information
Device
Packaging
Shipping
(Type Number)-A*
DO-41
5K/Ammo Pack
(Type Number)-T*
DO-41
5K/Tape & Reel
(Note 6)
3 of 3
1N4728A - 1N4761A
1N4728A - 1N4761A
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
Alldatasheet


Número de pieza similar - 1N4731A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
1N4731A CHONGQING-1N4731A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
NXP Semiconductors
1N4731A PHILIPS-1N4731A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4731A VISHAY-1N4731A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Rugao Dachang Electroni...
1N4731A DACHANG-1N4731A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4731A ETC1-1N4731A Datasheet
16Kb / 1P
   Zener Diodes
More results

Descripción similar - 1N4731A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
DL4728A ZSELEC-DL4728A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Formosa MS
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
SHIKUES Electronics
RD4.7P SKTECHNOLGY-RD4.7P Datasheet
257Kb / 1P
   1 W POWER MINI MOLD ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Rectron Semiconductor
1N4148DF RECTRON-1N4148DF Datasheet
329Kb / 5P
   10 mA0 Volts Switching Diode
logo
Frontier Electronics.
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
   1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com