Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4748 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza 1N4748
Descripción Electrónicos  1W Silicon Planar Power Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4748 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4748 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4748 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0
10
10
mA
Iz
20
30
40
50
20
30
40
50
Breakdowm characteristics
Tj=constant(pulsed)
10
0
0
1
30
20
50
40
Iz
100
70
60
90
80
mA
23
4
5
Vz
60
70
80
90
100
110
120
IN...
Tj=25 C
o
Vz
67
89
10
11
12
IN...
Tj=25 C
o
Z ibo Seno Electronic Engineering Co., Ltd.
1N4727-1N4761
3 of 4
www.senocn.com
1N4727 - 1N4761
Alldatasheet


Número de pieza similar - 1N4748

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N4748 SURGE-1N4748 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4748 CHENDA-1N4748 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4748 JINANJINGHENG-1N4748 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4748 DIGITRON-1N4748 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4748 SEMTECH-1N4748 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Descripción similar - 1N4748

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
1N4729A ZSELEC-1N4729A Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com