Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC-50149NYU-LY-B Datasheet(PDF) 8 Page - OPTREX CORPORATION

No. de pieza DMC-50149NYU-LY-B
Descripción Electrónicos  LCD Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTREX [OPTREX CORPORATION]
Página de inicio  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC-50149NYU-LY-B Datasheet(HTML) 8 Page - OPTREX CORPORATION

Back Button DMC-50149NYU-LY-B Datasheet HTML 4Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 5Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 6Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 7Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 8Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 9Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 10Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 11Page - OPTREX CORPORATION DMC-50149NYU-LY-B Datasheet HTML 12Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DMC-50149NYU-LY-B
(AB)
No.98-0118
OPTREX CORPORATION
Page 8/16
OPTREX
3.3.Definition of Viewing Angle and Optimum Viewing Area
・Point ● shows the point where contrast ratio is measured. : θ= 0゚, φ=-゚
・Driving condition :1/16 Duty, 1/4.5 Bias, VD=4.7V, fF=70Hz
・Area
shows typ. CR≧2
3.4.System Block Diagram
0゚
90゚
180゚
270゚
θ
φ
270゚
135゚
315゚
225゚
45゚
180゚
90゚
θ
(φ= 0゚)
φ
10 20 30 40 50
φ
Halogen bulb
Computer
Rotation Table (θ,φ)
Temperature Chamber
LCD
Optical Fiber
Waveform Generator
Control Unit &
#1980A WB
Photometer
θ


Número de pieza similar - DMC-50149NYU-LY-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPTREX CORPORATION
DMC-50081ZNB-FW OPTREX-DMC-50081ZNB-FW Datasheet
186Kb / 18P
   LCD Module Specification
DMC-50097H OPTREX-DMC-50097H Datasheet
162Kb / 14P
   LCD Module Specification
DMC-50218N-B OPTREX-DMC-50218N-B Datasheet
165Kb / 15P
   LCD Module Specification
DMC-50448N OPTREX-DMC-50448N Datasheet
165Kb / 15P
   LCD Module Specification
DMC-50747NF-AK OPTREX-DMC-50747NF-AK Datasheet
102Kb / 17P
   LCD Module Technical Specification
More results

Descripción similar - DMC-50149NYU-LY-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com