|
| NTE1779 |
|
||
|
NTE |
|
2 page
Electrical Characteristics (Cont’d): (VCC = 12V, TA = +25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Unit AGC Circuit RF AGC Voltage Gain GV f = 10kHz, Vi = 10mV 33 37 41 dB AFC Circuit Phase Detector Sensitivity RL = 30Ω/39kΩ 28 35 45 mV/kHz AFC Center Voltage V19 RL = 30kΩ/39kΩ 5.3 6.6 7.3 V VCO Circuit Maximum Variable Range ∆fv V18 = 2V 0.85 1.1 – MHz V18 = 3V – –1.6 –1.3 MHz Control Sensitivity β 2.9 3.3 3.7 mV/kHz APC Circuit APC Pull–In Range fAPC APC Filter SW is set to OFF +0.8 +1.0 +1.5 MHz –2.5 –2.0 –1.7 MHz Serial Characteristics Circuit Current I9 45 54 68 mA I15 7 9 12 mA Pin Connection Diagram VCC Input Bias Lock Detect Filter VCO Coil Video Input Video Output APC Filter Switch GND (VCO) 1 2 3 4 IF AGC Filter RF AGC Delay Adjust RF AGC Output Input Bias 5 IF Input 6 IF Input 7 8 GND 22 21 20 19 AFC Coil AFC Coil AFC Output 18 APC Filter 17 16 15 VCO Coil 9 14 VCO Coil 10 13 Detector Output 11 12 22 12 111 1.050 (26.67) 1.000 (25.4) .100 (2.54) .338 (8.6) .185 (4.7) .129 (3.3) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| NTE15013 | Integrated Circuit TV VIF Amp Phase Lock Loop PLL | 1 2 | NTE Electronics |
| NTE1657 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex | 1 2 3 | NTE Electronics |
| NTE1217 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator | 1 2 | NTE Electronics |
| NTE1560 | Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator | 1 2 | NTE Electronics |
| NTE1248 | Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod | 1 2 3 | NTE Electronics |
| NTE989 | Integrated Circuit General Purpose Phase Lock Loop PLL | 1 2 3 4 | NTE Electronics |
| NTE1534 | Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio | 1 2 | NTE Electronics |
| NTE743 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 | NTE Electronics |
| NTE7116 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System | 1 2 3 4 5 | NTE Electronics |
| NTE7050 | Integrated Circuit Phase Lock Loop PLL Stereo Decoder | 1 2 3 4 5 | NTE Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |