Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74651175R Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 74651175R
Descripción Electrónicos  REDCUBE THR with external thread WP-THRSH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74651175R Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74651175R Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651175R Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651175R Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651175R Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651175R Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74651175R Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
5
M
5,87
B
detail B
Scale - 3:1
Recommended Land Pattern: [mm]
5,87
O1,85
Via
O3,2
Solder Pad
Scale - 3:1
Stencil Suggestion:
5,87
O 3
,1
Scale - 3:1
Material
Brass
Surface
Tin
Tightening Torque
2.2 Nm
Solder Cream Thickness
150 µm
Operating Temperature
-55 °C up to +150 °C
Pins
4
Properties:
Properties
Test conditions
Value
Unit
Rated Current
@ 20 °C
IR
50
A
Electrical Properties:
Packaging
Tape and Reel
Packaging Unit (Qty.)
300
Packaging Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
WlW
DIN ISO 2768-1m
DESCRIPTION
REDCUBE THR with external
thread WP-THRSH
ORDER CODE
74651175R
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.001
Valid
2017-03-31
eiCan
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 74651175R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74651173R WURTH-74651173R Datasheet
247Kb / 4P
   REDCUBE THR Terminal with external thread WP-THRSH
001.000
74651174R WURTH-74651174R Datasheet
407Kb / 6P
   REDCUBE THR with external thread WP-THRSH
More results

Descripción similar - 74651175R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
74651174R WURTH-74651174R Datasheet
407Kb / 6P
   REDCUBE THR with external thread WP-THRSH
74651194R WURTH-74651194R Datasheet
413Kb / 6P
   REDCUBE THR with external thread WP-THRSH
74651195R WURTH-74651195R Datasheet
252Kb / 4P
   REDCUBE THR Terminal with external thread WP-THRSH
74651173R WURTH-74651173R Datasheet
247Kb / 4P
   REDCUBE THR Terminal with external thread WP-THRSH
001.000
74650194R WURTH-74650194R Datasheet
419Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650195R WURTH-74650195R Datasheet
419Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650174R WURTH-74650174R Datasheet
416Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650173R WURTH-74650173R Datasheet
416Kb / 6P
   REDCUBE THR with internal blindhole thread WP-THRBU
74650074R WURTH-74650074R Datasheet
409Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
74650094R WURTH-74650094R Datasheet
378Kb / 5P
   REDCUBE THR with internal through-hole thread WP-THRBU
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com