Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA3LX Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TDA3LX Datasheet(HTML) 2 Page - Texas Instruments |
2 / 256 page 2 TDA3MV, TDA3MA TDA3LX, TDA3LA SPRS964C – JUNE 2016 – REVISED JULY 2017 www.ti.com Submit Documentation Feedback Product Folder Links: TDA3MV TDA3MA TDA3LX TDA3LA Device Overview Copyright © 2016–2017, Texas Instruments Incorporated 1.2 Applications • Mono, Stereo or Tri-Optic Front Camera – Object Detection – Pedestrian Detection – Traffic Sign Recognition – Lane Detection and Departure Warning – Automatic Emergency Braking – Adaptive Cruise Control – Forward Collision Warning – High Beam Assist • LVDS or Ethernet Surround View – 2D surround view – 3D surround view – Rear object detection – Parking assist – Pedestrian Detection – Lane tracking – Drive Recording • Sensor Fusion – Vision, Radar, Ultrasonic, Lidar sensors – Object data fusion – Raw data fusion 1.3 Description TI’s TDA3x System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to meet the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA3x family enables broad ADAS applications in automobiles by integrating an optimal mix of performance, low power, smaller form factor and ADAS vision analytics processing that aims to facilitate a more autonomous and collision- free driving experience. The TDA3x SoC enables sophisticated embedded vision technology in today’s automobile by enabling the industry’s broadest range of ADAS applications including front camera, rear camera, surround view, radar, and fusion on a single architecture. The TDA3x SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac (EVE), and dual-Cortex-M4 processors. The device allows low power profile in different package options (including Package-On-Package) to enable small form factor designs. TDA3x SoC also integrates a host of peripherals including multi-camera interfaces (both parallel and serial) for LVDS-based surround view systems, displays, CAN and GigB Ethernet AVB. The Vision AccelerationPac for this family of products includes embedded vision engine (EVE) offloading the vision analytics functionality from the application processor while also reducing the power footprint. The Vision AccelerationPac is optimized for vision processing with a 32-bit RISC core for efficient program execution and a vector coprocessor for specialized vision processing. Additionally, Texas Instruments provides a complete set of development tools for the ARM, DSP, and EVE coprocessor, including C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface for visibility into source code execution. The TDA3x ADAS processor is qualified according to AEC-Q100 standard. Device Information PART NUMBER PACKAGE BODY SIZE TDA3x S-PBGA (367) 15.0 mm × 15.0 mm |
Número de pieza similar - TDA3LX |
|
Descripción similar - TDA3LX |