Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8342Q10BD-300 Datasheet(PDF) 11 Page - GSI Technology

No. de pieza GS8342Q10BD-300
Descripción Electrónicos  36Mb SigmaQuad-IITM Burst of 2 SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342Q10BD-300 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS8342Q10BD-300 Datasheet HTML 7Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 8Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 9Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 10Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 11Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 12Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 13Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 14Page - GSI Technology GS8342Q10BD-300 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 2.9
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VREF
Voltage in VREF Pins
–0.5 to VDDQ
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VIN
Input Voltage (Address, Control, Data, Clock)
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
VTIN
Input Voltage (TCK, TMS, TDI)
–0.5 to VDDQ +0.5 ( 2.9 V max.)
V
IIN
Input Current on Any Pin
+/–100
mA dc
IOUT
Output Current on Any I/O Pin
+/–100
mA dc
TJ
Maximum Junction Temperature
125
oC
TSTG
Storage Temperature
–55 to 125
oC
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect
reliability of this component.
GS8342Q07/10/19/37BD-357/333/300/250/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 8/2017
11/28
© 2011, GSI Technology
Recommended Operating Conditions
Power Supplies
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.9
V
I/O Supply Voltage
VDDQ
1.4
VDD
V
Reference Voltage
VREF
VDDQ/2 – 0.05
VDDQ/2 + 0.05
V
Note:
The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power
down sequence must be the reverse. VDDQ must not exceed VDD. For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up.
Operating Temperature
Parameter
Symbol
Min.
Typ.
Max.
Unit
Junction Temperature
(Commercial Range Versions)
TJ
0
25
85
C
Junction Temperature
(Industrial Range Versions)*
TJ
–40
25
100
C
Note:
* The part numbers of Industrial Temperature Range versions end with the character “I”. Unless otherwise noted, all performance specifications
quoted are evaluated for worst case in the temperature range marked on the device.


Número de pieza similar - GS8342Q10BD-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8342Q10BD-300I GSI-GS8342Q10BD-300I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results

Descripción similar - GS8342Q10BD-300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS8342Q07 GSI-GS8342Q07 Datasheet
407Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT19BGD-300I GSI-GS8342QT19BGD-300I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
8342QT07101937B GSI-8342QT07101937B Datasheet
503Kb / 29P
   36Mb SigmaQuad-II TM Burst of 2 SRAM
GS8342QT07BD-250I GSI-GS8342QT07BD-250I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q07BGD-250I GSI-GS8342Q07BGD-250I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q10BGD-333I GSI-GS8342Q10BGD-333I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q07BD-200I GSI-GS8342Q07BD-200I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q19BGD-333I GSI-GS8342Q19BGD-333I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT37BGD-333I GSI-GS8342QT37BGD-333I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342DT38BGD-350 GSI-GS8342DT38BGD-350 Datasheet
524Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT10BD-333 GSI-GS8342QT10BD-333 Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com