Nombre de pieza
         Descripción
NTE1785

 Integrated Circuit TV IF Amp w/Demod and AFC (For PNP Tuners) ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, V11–13 = 12V, f = 38.9MHz unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Signal–to–Noise Ratio
S/N
Vi = 10mV, Note 2
58
dB
Differential Gain
dG
4
10
%
Differential Phase
2
10
deg.
Intermodulation, Blue
1.1MHz, Note 3
46
60
dB
Intermodulation, Yellow
46
50
dB
Intermodulation
3.3MHz, Note 4
46
54
dB
Carrier Signal at Video Output
4
30
mV
2nd Harmonic of Carrier at Video Output
20
30
mV
White Spot Inverter Threshold Level
6.6
V
White Spot Insertion Level
4.7
V
Noise Inverter Threshold Level
1.8
V
Noise Insertion Level
3.8
V
External Video Switch (VCR) Switched Off
V14–13
1.1
V
Tuner AGC Output Current Range
I4
0
10
mA
Tuner AGC Output Voltage
V4–13
I4 = 10mA
0.3
V
Tuner AGC Output Leakage Current
I4
V14–13 = 11V, V4–13 = 12V
15
µA
Maximum AFC Output Voltge Swing
∆V5–13
10
11
V
Detuning for AFC Output Voltage Swing
∆f
of 10V
100
200
kHz
AFC Zero–Signal Output Voltage
(Minumum Gain)
V5–13
4
6
8
V
AFC Switches ON
V6–13
3.2
V
AFC Switches OFF
V6–13
1.5
V
Note 2. S/N = VO black–to–white/Vn(rms) at B = 5MHz.
Note 3. 20 log (VO at 4.4MHz/VO at 1.1MHz) + 3.6dB.
Note 4. 20 log (VO at 4.4MHz/VO at 3.3MHz)
VCC
Pin Connection Diagram
AFC Output
AFC Tank (Amp)
AFC Tank (Sync)
AFC Switch Input
AGC Output
GND
AGC Delay Input
AFC Tank (Amp)
AFC Tank (Sync)
Video Output
AGC Filter
IF Input
Coupling Cap
IF Input
1
2
3
4
5
6
7
8
16
15
14
13
Coupling Cap
12
11
10
9
1  2  3 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1689Integrated Circuit Head Amp Circuit for VCR 1 2 NTE Electronics
MRFIC18031.8 GHz UPMIXER EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
NTE1711Integrated Circuit 2 Head Recording Amp for VCR 1 2 NTE Electronics
BF550PNP Silicon RF Transistor For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners 1 2 3 4 5 Siemens Semiconductor Group
NTE2088Integrated Circuit 4-Segment Darlington Array w/Pre-Driver Stage for use with PMOS and 12V CMOS 1 2 3 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE1794Integrated Circuit Volatge Controlled Amp VCA for dbx Noise Reduction System 1 2 NTE Electronics
BF569PNP Silicon RF Transistor fOR OSCILLATORS MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS 1 2 3 Siemens Semiconductor Group
NTE1878Integrated Circuit Module Voltage Amp for 2 Power 2 Channel 40W to 50W AF Power Amp 1 2 NTE Electronics
NTE1470Integrated Circuit Audio Power Amp 2.5W for Table Top Stereo 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl