Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES4E Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza ES4E
Descripción Electrónicos  4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ES4E Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ES4E Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ES4E Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
j
°
µ
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
ES4A - ES4D
ES4E - ES4G
ES4J
2 of 2
ES4A – ES4J
ES4A – ES4J
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
1.0
2.0
25
75
100
50
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fi . 1 Forward Current Deratin Curve
T
°
3.0
4.0
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
80
100
120
-
-
Alldatasheet


Número de pieza similar - ES4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Lectro Inc
ES40-P DBLECTRO-ES40-P Datasheet
344Kb / 5P
   Sealed Sub-Miniature Push button Switches
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
EPCOS
ES400XSMD EPCOS-ES400XSMD Datasheet
142Kb / 5P
   Surge arrester 2-electrode arrester
logo
EMP-Centauri s.r.o.
ES41-15 EMP-CENTAURI-ES41-15 Datasheet
505Kb / 1P
   UTP/coaxial ethernet switch 2in / 4out
More results

Descripción similar - ES4E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
SMBYW04-50 ZSELEC-SMBYW04-50 Datasheet
114Kb / 2P
   4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER4A ZSELEC-ER4A Datasheet
103Kb / 2P
   4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
S4A ZSELEC-S4A Datasheet
91Kb / 2P
   4.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES3ABF ZSELEC-ES3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER3A ZSELEC-ER3A Datasheet
114Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com