Nombre de pieza
         Descripción
NTE1794

 Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics: (TA = +25°C, VCC = +12V, VEE = –12V, ISET = 2mA, f = 1kHz,
RIN = ROUT = 33kΩ unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
Non Signal
1.0
2.0
3.0
mA
Equivalent Input Bias Current
IIN
Non Signal
6
20
nA
Gain Cell Idling Current
IDLE
Non Signal
20
µA
Gain Cell Offset Voltage
VOFF
AV = 0dB, THD ≤ 0.07%
±0.5
mV
Control Constant
VC
AV = –30dB to +30dB
–5.8
–5.9
–6.1
mV/dB
Total Harmonic Distortion
THD
AV = 0dB, VO = 0dBV, BPF = 400Hz to 5kHz
0.007
0.07
%
AV = +20dB, VO = 0dBV, BPF = 400Hz to 5kHz
0.02
0.10
%
AV = –20dB, VIN = 0dBV, BPF = 400Hz to 5kHz
0.02
0.15
%
Output Noise Level
NV
AV = 0dB, RIN = 33kΩ, BPF = 10Hz to 20kHz
–94
–84
dBV
Symmetry Control Voltage
VSYM
AV = 0dB, THD ≤ 0.07%
–4
0
+4
mV
GC2
GC1
ISET
VCC
Pin Connection Diagram
(Front View)
Signal Input
GND
Signal Output
GC Bias
8
7
6
5
4
3
2
1
.768 (19.52) Max
.118 (3.0) Max
18
.700 (17.78)
.100 (2.54) Typ
.165 (4.2)
Min
.264 (6.72)
Max
1  2 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE1795Integrated Circuit RMS Level Sensor for dbx Noise Reduction System 1 2 NTE Electronics
NTE1801Integrated Circuit TV dbx Noise Reduction System 1 2 3 NTE Electronics
TEA0679TI2C-bus controlled dual Dolby* B-type noise reduction circuit for playback applications 1 2 3 4 5 MoreNXP Semiconductors
NTE1859Integrated Circuit dbx TV Noise Reduction Integrated Circuit 1 2 3 NTE Electronics
NTE1744Integrated Circuit Dual dbxII Noise Reduction System 1 2 3 NTE Electronics
NTE15014Integrated Circuit Dual dbxII Noise Reduction System 1 2 3 NTE Electronics
NTE15023Integrated Circuit dbx TV Noise Reduction Integrated Circuit 1 2 3 NTE Electronics
A4558Low Noise Dual OP AMP The A4558 is a monolithic Integrated Circuit designed for dual operational amplifier. 1 2 3 4 AUK corp
NTE1019Integrated Circuit Module Hybrid Low Noise Equalizer Amp 1 2 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl