Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KBL606 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de pieza KBL606
Descripción Electrónicos  6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KBL606 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KBL606 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KBL606 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
2
3
4
5
20
40
60
80
100
120
140
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half Wave
60 Hz Resistive or Inductive Load
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics, per element
T = 100°C
C
T = 25°C
A
0
50
100
150
200
250
110
100
8.3ms Single Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
0.01
0.1
1.0
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
Tj = 25ºC
Pulse Width = 300 s
2% Duty Cycle
µ
10
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
6
KBL601 – KBL607
KBL601 – KBL607
Alldatasheet


Número de pieza similar - KBL606

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
KBL606 ETC-KBL606 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Microdiode Electronics ...
KBL606 CHENDA-KBL606 Datasheet
870Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL606 TSC-KBL606 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
KBL606 YIXIN-KBL606 Datasheet
135Kb / 2P
   6.0 A Single-Phase Silicon Bridge Rectifier
logo
DAESAN ELECTRONIC CORP.
KBL606 DAESAN-KBL606 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Descripción similar - KBL606

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Zibo Seno Electronic En...
KBL601G ZSELEC-KBL601G Datasheet
84Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com