Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAS350A Datasheet(PDF) 3 Page - E-CMOS Corporation

No. de pieza SMAS350A
Descripción Electrónicos  400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-CMOS [E-CMOS Corporation]
Página de inicio  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

SMAS350A Datasheet(HTML) 3 Page - E-CMOS Corporation

  SMAS350A Datasheet HTML 1Page - E-CMOS Corporation SMAS350A Datasheet HTML 2Page - E-CMOS Corporation SMAS350A Datasheet HTML 3Page - E-CMOS Corporation SMAS350A Datasheet HTML 4Page - E-CMOS Corporation SMAS350A Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
400W Surface Mount Transient Voltage
Suppressors- 5.0V- 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 5
4L05N-Rev. F001
SMAXX Series
Note 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derated per Fig. 2
3. For bi-directional types having V RWM of 10 volts and less, the I R limit is doubled
4. Suffix ‘C’ denotes bi-directional devices. Suffix ‘A’ denotes 5% tolerance devices, no suffix denotes 10%
tolerance devices.
5. All terms and symbols are consistent with ANS/IEEE C62.35
6. Transient Voltage Suppressors (TVS) are devices used to protect vulnerable circuits from electrical
overstresssuch as that caused by electrostatic discharge, inductive load switching and induced lightning.
Within the TVS, damaging voltage spikes are limited by clamping or avalanche action of a rugged silicon pn
junction which reduces the amplitude of the transient to a nondestructive level. See Fig. 7 & Fig. 8
Rating and characteristic curves (SMAS SERIES)
Reverse
Stand-off
Voltage
Test
Current
Maximum
Re verse
Leakage
Current
VRWM
VBR MIN VBR MAX
IT
VC
IPP
IR @ VRWM
V olts
Volts
Volts
mA
Volts
A
uA
UNI
BI
SMAS90A
SMAS9 0CA
90
100
111
1.0
146.0
2.7
5
RX
ZX
SMAS100A SMAS100CA
100
111
123
1.0
162.0
2.5
5
RZ
ZZ
SMAS110A SMAS110CA
110
122
135
1.0
177.0
2.3
5
SE
VE
SMAS120A SMAS120CA
120
133
147
1.0
193.0
2.1
5
SG
VG
SMAS130A SMAS130CA
130
144
159
1.0
209.0
1.9
5
SK
VK
SMAS150A SMAS150CA
150
167
185
1.0
243.0
1.6
5
SM
V M
SMAS160A SMAS160CA
160
178
197
1.0
259.0
1.5
5
SP
VP
SMAS170A SMAS170CA
170
189
209
1.0
275.0
1.5
5
SR
VR
SMAS180A SMAS180CA
180
201
222
1.0
292.0
1.4
5
ST
VT
SMAS200A SMAS200CA
200
224
247
1.0
324.0
1.2
5
SV
VV
SMAS220A SMAS220CA
220
246
272
1.0
356.0
1.1
5
SX
VX
SMAS250A SMAS250CA
250
279
309
1.0
405.0
1.0
5
SZ
VZ
SMAS300A SMAS300CA
300
335
371
1.0
486.0
0.8
5
TE
UE
SMAS350A SMAS350CA
350
391
432
1.0
567.0
0.7
5
TG
UG
SMAS400A SMAS400CA
400
447
494
1.0
648.0
0.6
5
TK
UK
SMAS440A SMAS440CA
440
492
543
1.0
713.0
0.6
5
TM
UM
Part No.(Uni) Part No.(B i)
Breakdown
Vol tage
@ IT
Maximu m
Clamping
V oltage@ IPP
Marking
Code


Número de pieza similar - SMAS350A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Riedon Powertron
SMA RIEDON-SMA Datasheet
287Kb / 1P
   Precision Metal Film Resistors
logo
RFE international
SMA RFE-SMA Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Descripción similar - SMAS350A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UN Semiconducctor INC
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
   400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com