Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7172-4BCPZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD7172-4BCPZ-RL7
Descripción Electrónicos  ADC with True Rail-to-Rail Buffers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD7172-4BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
AD7172-4
Data Sheet
Rev. B | Page 4 of 61
SPECIFICATIONS
AVDD1 = 3.0 V to 5.5 V, AVDD2 = IOVDD = 2 V to 5.5 V, AVSS = DGND = 0 V, REF+ = 2.5 V, REF− = AVSS, MCLK = internal master
clock = 2 MHz, TA = TMIN to TMAX (−40°C to +105°C), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPEED AND PERFORMANCE
Output Data Rate (ODR)
1.25
31,250
SPS
No Missing Codes1
Excluding sinc3 filter ≥ 15 kSPS
24
Bits
Resolution
See Table 6 and Table 7
Noise
See Table 6 and Table 7
ACCURACY
Integral Nonlinearity (INL)
±2
±5.2
ppm of FSR
Offset Error2
Internal short
±75
μV
Offset Drift
Internal short
±230
nV/°C
Gain Error2
AVDD1 = 5 V
±5
±45
ppm of FSR
Gain Drift
±0.2
±0.5
ppm/°C
REJECTION
Power Supply Rejection
AVDD1, AVDD2, VIN = 1 V
98
dB
Common-Mode Rejection
VIN = 0.1 V
At DC
95
dB
At 50 Hz, 60 Hz1
20 Hz output data rate (postfilter), 50 Hz
± 1 Hz and 60 Hz ± 1 Hz
120
dB
Normal Mode Rejection1
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (postfilter)
71
90
dB
External clock, 20 SPS ODR (postfilter)
85
90
dB
ANALOG INPUTS
Differential Input Range
VREF = (REF+) − (REF−)
±VREF
V
Absolute Voltage Limits1
Input Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Input Buffers Enabled
AVSS
AVDD1
V
Analog Input Current
Input Buffers Disabled
Input Current
±6
μA/V
Input Current Drift
±0.45
nA/V/°C
Input Buffers Enabled
Input Current
±5.5
nA
Input Current Drift
±0.1
nA/°C
Crosstalk
1 kHz input
−120
dB
REFERENCE INPUTS
Differential Input Range
VREF = (REF+) − (REF−)
1
2.5
AVDD1
V
Absolute Voltage Limits1
Input Buffers Disabled
AVSS − 0.05
AVDD1 + 0.05
V
Input Buffers Enabled
AVSS
AVDD1
V
REFIN Input Current
Input Buffers Disabled
Input Current
±9
μA/V
Input Current Drift
External clock
±0.75
nA/V/°C
Internal clock
±1
nA/V/°C
Input Buffers Enabled
Input Current
±100
nA
Input Current Drift
±2.5
nA/°C
Normal Mode Rejection1
See the Rejection parameter
Common-Mode Rejection
95
dB
BURNOUT CURRENTS
Source/Sink Current
Analog input buffers must be enabled
±10
μA


Número de pieza similar - AD7172-4BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
More results

Descripción similar - AD7172-4BCPZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-2 AD-AD7172-2 Datasheet
1Mb / 61P
   True rail-to-rail analog and reference input buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com