Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA7051MLF871 Datasheet(PDF) 1 Page - Allegro MicroSystems

No. de pieza SLA7051MLF871
Descripción Electrónicos  UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7051MLF871 Datasheet(HTML) 1 Page - Allegro MicroSystems

  SLA7051MLF871 Datasheet HTML 1Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 2Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 3Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 4Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 5Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 6Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 7Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 8Page - Allegro MicroSystems SLA7051MLF871 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNIPOLAR STEPPER-MOTOR
TRANSLATOR/PWM DRIVER
Combining low-power CMOS logic with high-current, high-voltage
power FET outputs, the SLA7051M translator/driver provides complete
control and drive for a two-phase unipolar stepper motor with internal
fixed off time, pulse-width modulation (PWM) control of the output
current in a power multi-chip module (PMCM™).
The CMOS logic section provides the sequencing logic, direction,
full/half-step control, synchronous/asynchronous PWM operation, and a
“sleep” function. The minimum CLOCK input is an ideal fit for
applications where a complex µP is unavailable or overburdened. TTL
or LSTTL may require the use of appropriate pull-up resistors to ensure
a proper input-logic high. For PWM current control, the maximum
output current is determined by the user’s selection of a reference
voltage and sensing resistor. The NMOS outputs are capable of sinking
up to 2 A and withstanding 46 V in the off state. Ground-clamp and
flyback diodes provide protection against inductive transients
. Special
power-up sequencing is not required.
Full-step (2 phase) and half-step operation are externally selectable.
Two-phase drive energizes two adjacent phases in each detent position
(AB-BC-CD-DA). This sequence mode offers an improved torque-
speed product, greater detent torque, and is less susceptable to motor
resonance. Half-step excitation alternates between the one-phase and
two-phase modes (A-AB-B-BC-C-CD D-DA), providing an eight-step
sequence.
The SLA7051M is supplied in an 18-pin single in-line power-tab
package with leads formed for vertical mounting (suffix LF871) or
horizontal mounting (suffix LF872). The tab is at ground potential and
needs no insulation. For high-current or high-frequency applications,
external heat sinking may be required. This device is rated for continu-
ous operation between -20°C and +85°C.
FEATURES
2 A Output Rating
Internal Sequencer for Full or Half-Step Operation
PWM Constant-Current Motor Drive
Cost-Effective, Multi-Chip Solution
100 V, Avalanche-Rated NMOS
Low
r
DS(on) NMOS Outputs (300 mtypical)
Advanced, Improved Body Diodes
Half-Step and Full-Step Unipolar Drive
Inputs Compatible with 3.3 V or 5 V Control Signals
Sleep Mode
Internal Clamp Diodes
Always order by complete part number, e.g., SLA7051MLF871 .
ABSOLUTE MAXIMUM RATINGS
Driver Supply Voltage, VBB ................ 46 V
Load Supply Voltage, VM ................... 46 V
Output Current, I
O ...........................
2.0 A*
Logic Supply Voltage, VDD ................ 7.0 V
Logic Input Voltage Range,
VI .......................... -0.3 V to VDD+ 0.3 V
Sense Voltage, VS ........................ ±2.0 V†
Reference Input Voltage Range,
VREF .................................. -0.3 V to VDD+ 0.3 V
Package Power Dissipation,
PD ....................................... See Graph
Junction Temperature, T
J ............. +150°C
Operating Temperature Range,
T
A ................................. -20°C to +85°C
Storage Temperature Range,
T
S ............................... -30°C to +150°C
* Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set of
conditions, do not exceed the specified current rating or
junction temperature.
† Internal filtering provides protection against transients
during the first 1 µs of the current-sense pulse.
SLA7051M
Motor
Driver
Sanken Power Devices
from Allegro MicroSystems


Número de pieza similar - SLA7051MLF871

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA7051M SANKEN-SLA7051M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
More results

Descripción similar - SLA7051MLF871

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
logo
Allegro MicroSystems
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
   BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
logo
Texas Instruments
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
[Old version datasheet]   UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com