Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABTE16245DGGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ABTE16245DGGR
Descripción Electrónicos  16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTE16245DGGR Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABTE16245DGGR Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
SN54ABTE16245, SN74ABTE16245
16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS226J – JULY 1993 – REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABTE16245
SN74ABTE16245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 5.5 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
B port
VCC =4 5V
IOH = –1 mA
2.4
2.4
VOH
VCC = 4.5 V
IOH = –12 mA
2
2
V
VOH
VCC = 5.5 V,
IOH = –1 mA
4.5
4.5
V
A port
VCC =4 5V
IOH = –32 mA
2.4
2.4
VCC = 4.5 V
IOH = –64 mA
2
B port
VCC =4 5V
IOL = 1 mA
0.4
0.4
VOL
B port
VCC = 4.5 V
IOL = 12 mA
0.8
V
VOL
A port
VCC =4 5V
IOL = 64 mA
0.55
0.55
V
A port
VCC = 4.5 V
IOL = 90 mA
0.9
VCC =4 5V
VI = 0.8 V
100
100
II(hold)
B port
VCC = 4.5 V
VI = 2 V
–100
–100
µA
()
VCC = 5.5 V,
VI = 0 to 5.5 V
±500
±500
II
Control inputs
VCC =5 5V
VI =VCC or GND
±1
±1
µA
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±20
±20
µA
IOZH‡
A port
VCC = 5.5 V,
VO = 2.7 V
10
10
µA
IOZL‡
A port
VCC = 5.5 V,
VO = 0.5 V
–10
–10
µA
IO
A port
VCC =5 5V
VO =2 5V
–50
–120
–180
–50
–180
mA
IO
B port
VCC = 5.5 V,
VO = 2.5 V
–25
–52
–90
–25
–90
mA
Ioff
VCC = 0, VI or VO ≤ 4.5 V, VCCBIAS = 0
±100
±100
µA
V5 5 V I
0
Outputs high
28
36
28
36
ICC
A or B ports
VCC = 5.5 V, IO = 0,
VI =VCC or GND
Outputs low
38
48
38
48
mA
VI = VCC or GND
Outputs disabled
20
32
20
32
ICCD
AorB ports
VCC = 5 V,
OE high
0.02
0.02
mA/
ICCD
A or B ports
CC
,
CL = 50 pF
OE low
0.33
0.33
MHz
Ci
Control inputs
VI = 2.5 V or 0.5 V
10
2.5
4
pF
Cio
I/O ports
VO = 2.5 V or 0.5 V
13
4.5
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The parameters IOZH and IOZL include the input leakage current.


Número de pieza similar - SN74ABTE16245DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABTE16245DGGR TI-SN74ABTE16245DGGR Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABTE16245DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16246 TI-SN54ABTE16246 Datasheet
161Kb / 10P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com