Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ15A Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza SMBJ15A
Descripción Electrónicos  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ15A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SMBJ15A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ15A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ15A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ15A Datasheet HTML 4Page - Fairchild Semiconductor SMBJ15A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMBJ5.0(C)A-SMBJ170(C)A, Rev. c
Transient Voltage Supressors
(continued)
Typical Characteristics
Pulse Derating Curve
0
25
50
75
100
125
150
175
200
0
25
50
75
100
AMBIENT TEMPERATURE ( C)
º
Non-Repetitive Surge Current
12
5
10
20
50
100
10
20
50
100
200
NUMBER OF CYCLES AT 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A
Peak Pulse Power Rating Curve
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
PULSE WIDTH (ms)
T = 25 C
º
A
Junction Capacitance
1
5
10
50
100
200
10
20
50
100
200
500
1000
2000
4000
6000
REVERSE VOLTAGE (V)
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V mw)
Pulse Waveform
01234
0
50
100
150
TIME (ms)
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
µsec Waveform
as Defined by R.E.A.
tf = 10
µsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td


Número de pieza similar - SMBJ15A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
SMBJ15A JGD-SMBJ15A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ15A SOCAY-SMBJ15A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ15A MCC-SMBJ15A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
HuaXinAn Electronics CO...
SMBJ15A HUAXINAN-SMBJ15A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMBJ15A VISHAY-SMBJ15A Datasheet
112Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 04-Sep-07
More results

Descripción similar - SMBJ15A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SMCJ50 FAIRCHILD-SMCJ50 Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com