Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7FLITE19F1M6 Datasheet(PDF) 8 Page - STMicroelectronics |
|
ST7FLITE19F1M6 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 131 page ST7LITE1 8/131 12 PA6 /MCO/ ICCCLK/BREAK I/O CT X ei1 XX Port A6 Main Clock Output or In Circuit Communication Clock or Exter- nal BREAK Caution: During normal opera- tion this pin must be pulled- up, internally or externally (external pull-up of 10k mandatory in noisy environment). This is to avoid entering ICC mode unex- pectedly during a reset. In the application, even if the pin is configured as output, any reset will put it back in input pull-up 13 PA5 / ICCDATA I/O CT HS X ei1 XX Port A5 In Circuit Communication Data 14 PA4 I/O CT HS X XX Port A4 15 PA3/ATPWM1 I/O CT HS X ei0 XX Port A3 Auto-Reload Timer PWM1 16 PA2/ATPWM0 I/O CT HS X XX Port A2 Auto-Reload Timer PWM0 17 PA1/ATIC I/O CT HS X XX Port A1 Auto-Reload Timer Input Cap- ture 18 PA0/LTIC I/O CT HS X XX Port A0 Lite Timer Input Capture 19 OSC2 O Resonator oscillator inverter output 20 OSC1/CLKIN I Resonator oscillator inverter input or External clock input Pin No. Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output 1 |
Número de pieza similar - ST7FLITE19F1M6 |
|
Descripción similar - ST7FLITE19F1M6 |