Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC372CDR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
TLC372CDR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 20 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-87658012A ACTIVE LCCC FK 20 1 None POST-PLATE Level-NC-NC-NC 5962-8765801PA ACTIVE CDIP JG 8 1 None A42 SNPB Level-NC-NC-NC 5962-9554901NXDR ACTIVE SOIC D 8 2500 None CU NIPDAU Level-1-220C-UNLIM TLC372CD ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLC372CDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLC372CP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC372CPSR ACTIVE SO PS 8 2000 None CU NIPDAU Level-1-220C-UNLIM TLC372CPW ACTIVE TSSOP PW 8 150 None CU NIPDAU Level-1-220C-UNLIM TLC372CPWLE OBSOLETE TSSOP PW 8 None Call TI Call TI TLC372CPWR ACTIVE TSSOP PW 8 2000 None CU NIPDAU Level-1-220C-UNLIM TLC372ID ACTIVE SOIC D 8 75 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLC372IDR ACTIVE SOIC D 8 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1YEAR/ Level-1-220C-UNLIM TLC372IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC TLC372MD ACTIVE SOIC D 8 75 None CU NIPDAU Level-1-220C-UNLIM TLC372MDR ACTIVE SOIC D 8 2500 None CU NIPDAU Level-3-245C-168 HR TLC372MFKB ACTIVE LCCC FK 20 1 None POST-PLATE Level-NC-NC-NC TLC372MJG ACTIVE CDIP JG 8 1 None A42 SNPB Level-NC-NC-NC TLC372MJGB ACTIVE CDIP JG 8 1 None A42 SNPB Level-NC-NC-NC TLC372MP ACTIVE PDIP P 8 50 None Call TI Level-NC-NC-NC TLC372MUB ACTIVE CFP U 10 1 None A42 SNPB Level-NC-NC-NC TLC372QD ACTIVE SOIC D 8 75 None CU NIPDAU Level-1-220C-UNLIM TLC372QDR ACTIVE SOIC D 8 2500 None CU NIPDAU Level-1-220C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder temperature. PACKAGE OPTION ADDENDUM www.ti.com 22-Feb-2005 Addendum-Page 1 |
Número de pieza similar - TLC372CDR |
|
Descripción similar - TLC372CDR |