Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2047 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS2047
Descripción Electrónicos  POWER DISTRIBUTION SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2047 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2047 Datasheet HTML 1Page - Texas Instruments TPS2047 Datasheet HTML 2Page - Texas Instruments TPS2047 Datasheet HTML 3Page - Texas Instruments TPS2047 Datasheet HTML 4Page - Texas Instruments TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
5
TI.COM
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, EN = 5 V (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VI(IN) = 5 V,
TJ = 25°C,
IO = 1.8 A
33
36
VI(IN) = 5 V,
TJ = 85°C,
IO = 1.8 A
38
46
VI(IN) = 5 V,
TJ = 125°C,
IO = 1.8 A
44
50
VI(IN) = 3.3 V,
TJ = 25°C,
IO = 1.8 A
37
41
VI(IN) = 3.3 V,
TJ = 85°C,
IO = 1.8 A
43
52
rDS(on)
Static drain-source on-state resistance
VI(IN) = 3.3 V,
TJ = 125°C,
IO = 1.8 A
51
61
m
rDS(on)
Static drain-source on-state resistance
VI(IN) = 5 V,
TJ = 25°C,
IO = 0.18 A
30
34
m
VI(IN) = 5 V,
TJ = 85°C,
IO = 0.18 A
35
41
VI(IN) = 5 V,
TJ = 125°C,
IO = 0.18 A
39
47
VI(IN) = 3.3 V,
TJ = 25°C,
IO = 0.18 A
33
37
VI(IN) = 3.3 V,
TJ = 85°C,
IO = 0.18 A
39
46
VI(IN) = 3.3 V,
TJ = 125°C,
IO = 0.18 A
44
56
tr
Rise time, output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
6.1
ms
tr
Rise time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
8.6
ms
tf
Fall time, output
VI(IN) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3.4
ms
tf
Fall time, output
VI(IN) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input ( EN )
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 4.5 V
0.5
V
II
Input current
EN = 0 V or EN = VI(IN)
− 0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL = 10 Ω
20
ms
toff
Turnoff time
CL = 100 µF, RL = 10 Ω
40
ms
current limit
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
TPS2030
0.22
0.3
0.4
TJ = 25°C, VI = 5.5 V,
TPS2031
0.66
0.9
1.1
IOS
Short-circuit output current
TJ = 25°C, VI = 5.5 V,
OUT connected to GND,
Device enable into short circuit
TPS2032
1.1
1.5
1.8
A
IOS
Short-circuit output current
OUT connected to GND,
Device enable into short circuit
TPS2033
1.65
2.2
2.7
A
TPS2034
2.2
3
3.8
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Número de pieza similar - TPS2047

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047 Datasheet
597Kb / 27P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI-TPS2047A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI1-TPS2047A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2047

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com