Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPE2403D Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited |
|
TPE2403D Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited |
3 / 3 page TPE 15V, 24V &48V Series www.gztoppower.com TEL:020-61038836 EMAIL:sales@gztoppower.com page 3 of 3 *7.70 for 48V variants **7.50 for 48V variants Weight: 1.48g (DIP) 1.30g (SIP) All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position. MECHANICAL DIMENSIONS PIN CONNECTIONS 8 PIN DIP Pin Function 1 -Vin 4 +Vin 5 +Vout 7 -Vout 4 PIN SIP Pin Function 1 -Vin 2 +Vin 3 -Vout 4 +Vout RECOMMENDED FOOTPRINT DETAILS TUBE OUTLINE DIMENSIONS 8 Pin DIP Package 4 Pin SIP Package 8Pin DIP Tube 4Pin SIP Tube Unless otherwise stated all dimensions in mm ±0.5mm. Tube length (8 Pin DIP) : 520mm ±2mm. Tube length (4 Pin SIP) : 520mm ±2mm. Tube Quantity : 35PCS 0.65 5.10 12.00 9.30 5.00 1.15 1.00 4 孔 2.54 4HOLES 1.15 1.00 4孔 2.54 4HOLES 11.48 TPE2405S YYWW 2.54 4 5 7 1 YYWW TPE2405D 11.50 7.62 5.08 9.80 6.80 4.60 3.60 6.00 10.00 0.55 0.45 4.60 3.60 1 2 3 4 1.94 1.25 0.30 0.20 0.55 0.45 7.63 1.09 0.30 0.20 1.94 0.55 0.45 7.62 2.54 bottom view bottom view ** * TOPPOWER TOPPOWER DIP Package SIP Package TOPPOWER |
Número de pieza similar - TPE2403D |
|
Descripción similar - TPE2403D |