Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9266 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9266
Descripción Electrónicos  1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9266 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9266 Datasheet HTML 3Page - Analog Devices AD9266 Datasheet HTML 4Page - Analog Devices AD9266 Datasheet HTML 5Page - Analog Devices AD9266 Datasheet HTML 6Page - Analog Devices AD9266 Datasheet HTML 7Page - Analog Devices AD9266 Datasheet HTML 8Page - Analog Devices AD9266 Datasheet HTML 9Page - Analog Devices AD9266 Datasheet HTML 10Page - Analog Devices AD9266 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD9266
Data Sheet
Rev. B | Page 6 of 32
DIGITAL SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, 50% duty
cycle clock, DCS disabled, unless otherwise noted.
Table 3.
Parameter
Temp
AD9266-20/AD9266-40/AD9266-65/AD9266-80
Unit
Min
Typ
Max
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.2
3.6
V p-p
Input Voltage Range
Full
GND − 0.3
AVDD + 0.2
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
8
10
12
kΩ
Input Capacitance
Full
4
pF
LOGIC INPUTS (SCLK/DFS, MODE, SDIO/PDWN)1
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−50
−75
µA
Low Level Input Current
Full
−10
+10
µA
Input Resistance
Full
30
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (CSB)2
High Level Input Voltage
Full
1.2
DRVDD + 0.3
V
Low Level Input Voltage
Full
0
0.8
V
High Level Input Current
Full
−10
+10
µA
Low Level Input Current
Full
40
135
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
DIGITAL OUTPUTS
DRVDD = 3.3 V
High Level Output Voltage, IOH = 50 µA
Full
3.29
V
High Level Output Voltage, IOH = 0.5 mA
Full
3.25
V
Low Level Output Voltage, IOL = 1.6 mA
Full
0.2
V
Low Level Output Voltage, IOL = 50 µA
Full
0.05
V
DRVDD = 1.8 V
High Level Output Voltage, IOH = 50 µA
Full
1.79
V
High Level Output Voltage, IOH = 0.5 mA
Full
1.75
V
Low Level Output Voltage, IOL = 1.6 mA
Full
0.2
V
Low Level Output Voltage, IOL = 50 µA
Full
0.05
V
1
Internal 30 kΩ pull-down.
2
Internal 30 kΩ pull-up.


Número de pieza similar - AD9266

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9266 AD-AD9266 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9266-20EBZ AD-AD9266-20EBZ Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9266-40EBZ AD-AD9266-40EBZ Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9266-65EBZ AD-AD9266-65EBZ Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9266-80EBZ AD-AD9266-80EBZ Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results

Descripción similar - AD9266

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
   1.8 V Analog-to-Digital Converter
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
   1.8 V Analog-to-Digital Converter
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
   1.8 V Analog-to-Digital Converter
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
   1.8 V Analog-to-Digital Converter
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
   1.8 V Analog-to-Digital Converter
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
   1.8 V Analog-to-Digital Converter
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
   1.8 V Analog-to-Digital Converter
AD9434 AD-AD9434_17 Datasheet
921Kb / 29P
   1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com