Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EC733339 Datasheet(PDF) 3 Page - E-CMOS Corporation

No. de pieza EC733339
Descripción Electrónicos  -30V, -4.1A P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-CMOS [E-CMOS Corporation]
Página de inicio  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733339 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC733339 Datasheet HTML 1Page - E-CMOS Corporation EC733339 Datasheet HTML 2Page - E-CMOS Corporation EC733339 Datasheet HTML 3Page - E-CMOS Corporation EC733339 Datasheet HTML 4Page - E-CMOS Corporation EC733339 Datasheet HTML 5Page - E-CMOS Corporation EC733339 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC733339
-30V、
、-4.1A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4K27N-Rev.F001
Test circuits and Waveforms
Notes:
Calculated continuous current based on maximum allowable junction temperature.
Repetitive rating; pulse width limited by max. junction temperature.
The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C


Número de pieza similar - EC733339

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
EC733338 E-CMOS-EC733338 Datasheet
480Kb / 4P
   N-Channel MOSFET
EC733338B1R E-CMOS-EC733338B1R Datasheet
480Kb / 4P
   N-Channel MOSFET
More results

Descripción similar - EC733339

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KIA Semiconductor Techn...
3407 KIA-3407 Datasheet
114Kb / 5P
   -4.1A竊?30V P-CHANNEL MOSFET
logo
Will Semiconductor Ltd.
WPM3005 WILLSEMI-WPM3005 Datasheet
1Mb / 7P
   Single P-Channel, -30V, -4.1A, Power MOSFET
logo
SeCoS Halbleitertechnol...
SMG2343 SECOS-SMG2343 Datasheet
1Mb / 4P
   -4.1A , -30V , RDS(ON) 45 m P-Channel Enhancement Mode MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com