Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EBOX530-840-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

No. de pieza EBOX530-840-FL
Descripción Electrónicos  Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AXIOMTEK [Axiomtek Co., Ltd.]
Página de inicio  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX530-840-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX530-840-FL_17 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
281
* All specifications and photos are subject to change without notice.
Dimensions
Power Protection
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR3L SO-DIMM
mSATA
DIN-rail Kit
VESA arm kit
Power cord
Wi-Fi Module
3G Module
80GB or above
40GB or above
1GB ~ 4GB
512 MB or above
881605300A0E
881605301A0E
*Specifications and certifications are based on options and may vary.
AC Version
OPP (over power protection)
OVP (over voltage protection)
SCP (short circuit protection)
Ordering Information
Standard
eBOX530-840-FL-E3825-
VGA-US
Fanless embedded system with Intel® Atom™ E3825
1.33 GHz, VGA, GbE LAN, 4 USB, 2 COM, 36W AC/DC
adapter and US power cord
eBOX530-840-FL-E3825-
VGA-EU
Fanless embedded system with Intel® Atom™ E3825
1.33 GHz, VGA, GbE LAN, 4 USB, 2 COM, 36W AC/DC
adapter and EU power cord
eBOX530-840-FL-E3825-
HDMI-US
Fanless embedded system with Intel®Atom™ E3825
1.33 GHz, HDMI, GbE LAN, 4 USB, 2 COM, 36W AC/DC
adapter and US power cord
eBOX530-840-FL-E3825-
HDMI-EU
Fanless embedded system with Intel® Atom™ E3825
1.33 GHz, HDMI, GbE LAN, 4 USB, 2 COM, 36W AC/DC
adapter and EU power cord
Specifications
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Atom™ processor E3825 1.33 GHz dual core on board
System Memory
1 x 204-pin DDR3L-1066/1333, up to 8GB
Chipset
SoC integrated
BIOS
AMI
System I/O Outlet
2 x RS-232/422/485
1 x 10/100/1000Mbps Ethernet (Intel® i210IT)
4 x USB 2.0
1 x Audio (Mic-in/Line-out)
1 x HDMI or 1 x VGA
1 x VDC 12V power input connector
1 x AT/ATX switch
2 x SMA type connector opening for antenna
Watchdog Timer
255 levels, 1 ~ 255 sec.
Storage
1 x 2.5” SATA HDD bay, max. height 9.5 mm
1 x mSATA
Expansion Interface
1 x Full-size PCI Express Mini Card slot with mSATA
(PCI Express + USB signal)
System Indicator
1 x green for system power
1 x red LED for HDD active
Power Supply
Input: AC100~240V, AC 36W adapter with lock
Output: +12 VDC@3A
Operating Temperature
-20°C ~ +60°C (-4°F ~ +140°F) (with W.T. HDD, DRAM)
Humidity
10% ~ 90%, non-condensing
Vibration Endurance
3 Grms with SSD (5-500 Hz, X, Y, Z directions)
Dimensions
132 mm (5.19") (W) x 95.4 mm (3.75") (D) x 47.5 mm (1.87") (H)
Weight (net/gross)
0.5 kg (1.1 lb)/ 0.6 kg (1.32 lb)
Certificate
CE
EOS Support
WES7,WE8S
Lockable 12VDC-in
AT/ATX quick switch
VGA or HDMI
Rear view
Intel
® Atom™
processor E3825
1.33GHz
1 x Mini PCIe
slot with mSATA
supported
Compact size
Front view
eBOX530-840-FL
Intel® Atom™ E3825 1.33 GHz dual core
Fanless operation design with full feature I/O
204-pin DDR3L-1333/1600 SO-DIMM, up to 8GB
2 COM ports, 1 GbE LAN and 1 Mini PCIe slot
Supports one AT/ATX mode quick switch
Supports Jumbo Frame (9k), WoL, PXE Remote Boot
Features
Fanless Embedded System with Intel® Atom™ Processor E3825 1.33 GHz, VGA or
HDMI, GbE LAN, 2 COM and 4 USB
Fanless
Low Power
IP40
AiRD


Número de pieza similar - EBOX530-840-FL_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL_16 Datasheet
350Kb / 1P
   Fanless operation design with full feature I/O
More results

Descripción similar - EBOX530-840-FL_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
EBOX530-840-FL AXIOMTEK-EBOX530-840-FL Datasheet
608Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3825 1.33 GHz, VGA or HDMI, GbE LAN, 2 COM and 4 USB
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
   Fanless Embedded System with Intel Atom Processor
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX625-842-FL AXIOMTEK-EBOX625-842-FL_17 Datasheet
315Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
EBOX620-841-FL AXIOMTEK-EBOX620-841-FL_17 Datasheet
304Kb / 1P
   Fanless Embedded System with Intel Atom Processor E3845 1.91 GHz HDMI
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_17 Datasheet
364Kb / 1P
   Fanless Embedded System with Intel Atom Processor N2600 1.6 GHz or D2550
logo
AAEON Technology
AEC-6831 AAEON-AEC-6831 Datasheet
360Kb / 2P
   Fanless Embedded Controller With Intel Atom Processor
logo
Axiomtek Co., Ltd.
EBOX800-841-FL AXIOMTEK-EBOX800-841-FL_17 Datasheet
560Kb / 1P
   Rugged IP67-rated Fanless Embedded System with Intel Atom Processor
TBOX100-838-FL AXIOMTEK-TBOX100-838-FL Datasheet
574Kb / 2P
   Fanless Embedded System with Intel Atom Processor E3845 for Vehicle
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com