Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74LVCH162245ADL Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74LVCH162245ADL Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 17 page 2003 Dec 08 10 Philips Semiconductors Product specification 16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state 74LVC162245A; 74LVCH162245A AC CHARACTERISTICS GND = 0 V; tr =tf ≤ 2.5 ns. Notes 1. All typical values are measured at Tamb =25 °C. 2. These typical values are measured at VCC = 3.3 V and Tamb =25 °C. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT WAVEFORMS VCC (V) Tamb = −40 to +85 °C tPHL/tPLH propagation delay nAn to nBn; nBn to nAn see Figs 5 and 7 1.2 − 12 − ns 2.7 1.0 4.2 6.7 ns 3.0 to 3.6 1.0 3.3(2) 5.7 ns tPZH/tPZL 3-state output enable time nOE to nAn; nOE to nBn see Figs 6 and 7 1.2 − 18 − ns 2.7 1.5 5.1 8.5 ns 3.0 to 3.6 1.0 3.4(2) 7.5 ns tPHZ/tPLZ 3-state output disable time nOE to nAn; nOE to nBn see Figs 6 and 7 1.2 − 10 − ns 2.7 1.5 3.5 7.5 ns 3.0 to 3.6 1.5 3.3(2) 6.5 ns Tamb = −40 to +125 °C tPHL/tPLH propagation delay nAn to nBn; nBn to nAn see Figs 5 and 7 1.2 −−− ns 2.7 1.0 − 8.5 ns 3.0 to 3.6 1.0 − 9.5 ns tPZH/tPZL 3-state output enable time nOE to nAn; nOE to nBn see Figs 6 and 7 1.2 −−− ns 2.7 1.5 − 7.5 ns 3.0 to 3.6 1.0 − 9.5 ns tPHZ/tPLZ 3-state output disable time nOE to nAn; nOE to nBn see Figs 6 and 7 1.2 −−− ns 2.7 1.5 − 11.0 ns 3.0 to 3.6 1.5 − 8.5 ns |
Número de pieza similar - 74LVCH162245ADL |
|
Descripción similar - 74LVCH162245ADL |