Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LCD-122H032A Datasheet(PDF) 1 Page - Vishay Siliconix |
|
LCD-122H032A Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page LCD-122H032A, LCD-122H032C www.vishay.com Vishay Revision: 23-Jun-17 1 Document Number: 37318 For technical questions, contact: displays@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 122 x 32 Graphic LCD FEATURES • Type: graphic • Display format: 122 x 32 dots • Built-in controller: SBN1661G • Duty cycle: 1/32 • Available for internal (A type), external (C type), oscillation 2 kHz • N.V. optional for +3 V power supply • Chinese version: LCD-122H032L • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note •VSS = 0 V, VDD = 5.0 V For detailed information, please see the “Product Numbering System” document. MECHANICAL DATA ITEM STANDARD VALUE UNIT Module dimension 84.0 x 44.0 mm Viewing area 60.0 x 18.0 Dot size 0.40 x 0.45 Dot pitch 0.44 x 0.49 Mounting hole 79.0 x 36.0 Character size n/a ABSOLUTE MAXIMUM RATINGS ITEM SYMBOL STANDARD VALUE UNIT MIN. TYP. MAX. Power supply VDD to VSS 4.75 5.0 5.25 V Input voltage VI 0- VDD ELECTRICAL CHARACTERISTICS ITEM SYMBOL CONDITION STANDARD VALUE UNIT MIN. TYP. MAX. Input voltage VDD VDD = +5 V 4.5 5.0 5.5 V Supply current IDD VDD = +5 V - 0.6 0.8 mA Recommended LC driving voltage for normal temperature version module VDD to V0 -20 °C 5.3 5.4 5.5 V 0 °C 4.7 4.8 4.9 25 °C 4.6 4.7 4.8 50 °C 4.3 4.4 4.6 70 °C 4.1 4.2 4.4 LED forward voltage VF 25 °C - 4.2 4.6 V LED forward current IF 25 °C - 120 240 mA EL power supply current IEL VEL = 110 VAC, 400 Hz - - 5.0 mA OPTIONS PROCESS COLOR BACKLIGHT TN STN GRAY STN YELLOW STN BLUE FSTN B&W STN COLOR NONE LED EL CCFL - xxxx - xxx - |
Número de pieza similar - LCD-122H032A |
|
Descripción similar - LCD-122H032A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |