Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1834 Datasheet(PDF) 2 Page - NTE Electronics

No. de pieza NTE1834
Descripción Electrónicos  Integrated Circuit Dual Reversible Motor Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1834 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1834 Datasheet HTML 1Page - NTE Electronics NTE1834 Datasheet HTML 2Page - NTE Electronics NTE1834 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, VCC = 12V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
RL = ∞, Pin4, Pin5, and Pin6 = “L” Level
12
24
mA
Input Low Level Voltage
(Pin4, Pin5, and Pin6)
VIL
1.0
V
Input High Level Voltage
(Pin4, Pin5, and Pin6)
VIH
4.0
V
Output Low Level Voltage
(Pin4, Pin5, and Pin10)
VOL
Pin8 = Open, IO = 500mA
0.8
1.5
V
Output High Level Voltage
(Pin4, Pin5, and Pin10)
VOH
Pin8 = Open, IO = 500mA
10
10.5
V
Output Leakage Current
IOL
RL = ∞, Pin4, Pin5, and Pin6 = “L” Level,
Current flowing to Pin9
1
mA
Voltage Stability
(Pin2)
∆V2
VR = 6V with respect
IO(2) = 500mA
–0.5
0.5
V
(Pin3)
∆V3
to Pin8
IO(3) = 500mA
–0.5
0.5
V
(Pin10)
∆V10
IO(10) = 500mA
–0.5
0.5
V
Drain Current
(Pin2)
I8 (2)
VR = 6V, IO(2) = 500mA, Pin2 = “H” Level
–0.5
0.5
V
(Pin3)
I8 (3)
VR = 6V, IO(3) = 500mA, Pin3 = “H” Level
–0.5
0.5
V
(Pin10)
I8 (10)
VR = 6V, IO(10) = 500mA, Pin10 = “H” Level
–0.5
0.5
V
Backlash Current
IB
Sink current at Pin9 when Pin4, Pin5, and Pin6
are low and one output pin is at –1V
0.3
A
Thermal Shut–Down Operate
Temperature
TON
150
°C
Thermal Shut–Down Release
Temperature
TOFF
100
°C
Input/Output Truth Table:
Input
Output
Function
Pin4
Pin5
Pin6
Pin10
Pin2
Pin3
L
L
X
L
L
L
Brake
H
L
L
H
L
OPEN
Current flows from Pin10 to Pin2
H
L
H
L
H
OPEN
Current flows from Pin2 to Pin10
L
H
L
H
OPEN
L
Current flows from Pin10 to Pin3
L
H
H
L
OPEN
H
Current flows from Pin3 to Pin10
H
H
X
L
L
L
Brake
X = Don’t Care
Precautions:
1. While the control input pins of the NTE1834 can be directly connected to MOS logic outputs, it is
recommended that you insert a series protection resistor in the range 1k
Ω to 10kΩ between the
devices.
2. To improve reliability, be sure to temporarily put the device in brake mode before reversing the
direction of rotation of the motor. A brake mode duration of more than 10
µs is recommended.
3. The recommended power on sequence is one in which VCC1 (Pin7) is the first turned on and the
last turned off.


Número de pieza similar - NTE1834

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE183 NTE-NTE183 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1831 NTE-NTE1831 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
   Integrated Circuit BTL Audio Power Amplifier, 12W
NTE1835 NTE-NTE1835 Datasheet
26Kb / 3P
   Integrated Circuit Interface for Character and Pattern
More results

Descripción similar - NTE1834

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
NTE1716 NTE-NTE1716 Datasheet
22Kb / 3P
   Integrated Circuit Reversible Motor Driver for VCR
logo
Fujitsu Component Limit...
MB3863 FUJITSU-MB3863 Datasheet
102Kb / 10P
   DUAL REVERSIBLE MOTOR DRIVER
MB3863 FUJITSU-MB3863_01 Datasheet
90Kb / 12P
   DUAL REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
   Integrated Circuit Dual, DC Motor Driver
logo
Rohm
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com