Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD-160H160A Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza LCD-160H160A
Descripción Electrónicos  160 x 160 Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-160H160A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-160H160A Datasheet HTML 1Page - Vishay Siliconix LCD-160H160A Datasheet HTML 2Page - Vishay Siliconix LCD-160H160A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 37360
For technical questions, contact: displays@vishay.com
www.vishay.com
Revision: 26-Mar-09
1
160 x 160 Graphic LCD
LCD-160H160A
Vishay
FEATURES
• Type: Graphic
• Display format: 160 x 160 dots
• Built-in controller: None
• Duty cycle: 1/160
• + 5 V power supply
• Compliant to RoHS directive 2002/95/EC
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
89.2 x 85.0
mm
Viewing Area
62.0 x 62.0
Dot Size
0.34 x 0.34
Dot Pitch
0.38 x 0.38
Mounting Hole
84.2 x 80.0
Character Size
N/a
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
4.75
5.0
5.52
V
Input Voltage
VI
0-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7 VDD
-VDD
V
VIO
H level
-
-
0.3 VDD
V
Supply Current
IDD
VDD = + 5 V
-
1.5
3.0
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
VDD to V0
- 20 °C
16.5
18.0
19.5
V
0 °C
16.3
17.8
19.3
25 °C
15.5
17.0
18.5
50 °C
14.5
16.0
17.5
70 °C
14.3
15.8
17.3
LED Forward Voltage
VF
25 °C
-
4.2
4.6
V
LED Forward Current
IF
25 °C
-
500
1000
mA
EL Power Supply Current
IEL
VEL = 110 VAC, 400 Hz
-
-
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxx
xxx


Número de pieza similar - LCD-160H160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-160H160A VISHAY-LCD-160H160A Datasheet
61Kb / 3P
   160 x 160 Graphic LCDs
01-Jan-2022
LCD-160H160A VISHAY-LCD-160H160A Datasheet
62Kb / 3P
   160 x 160 Graphic LCD
01-Jan-2023
LCD-160H160A VISHAY-LCD-160H160A_V01 Datasheet
61Kb / 3P
   160 x 160 Graphic LCDs
01-Jan-2022
LCD-160H160A VISHAY-LCD-160H160A_V02 Datasheet
62Kb / 3P
   160 x 160 Graphic LCD
01-Jan-2023
More results

Descripción similar - LCD-160H160A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-160H160A VISHAY-LCD-160H160A_V02 Datasheet
62Kb / 3P
   160 x 160 Graphic LCD
01-Jan-2023
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
   160 x 160 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG160160A ETC-WG160160A Datasheet
55Kb / 1P
   LCD MODULE GRAPHIC 160 x 160 DOTS
logo
Vishay Siliconix
LCD-160H128B VISHAY-LCD-160H128B Datasheet
61Kb / 3P
   160 x 128 Graphic LCD
Revision: 11-Dec-12
LCD-160H128E VISHAY-LCD-160H128E Datasheet
63Kb / 3P
   160 x 128 Graphic LCD
Revision: 07-Nov-12
LCD-160H128C VISHAY-LCD-160H128C_V02 Datasheet
66Kb / 3P
   160 x 128 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com