Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9262 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9262
Descripción Electrónicos  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 5 Page - Analog Devices

  AD9262 Datasheet HTML 1Page - Analog Devices AD9262 Datasheet HTML 2Page - Analog Devices AD9262 Datasheet HTML 3Page - Analog Devices AD9262 Datasheet HTML 4Page - Analog Devices AD9262 Datasheet HTML 5Page - Analog Devices AD9262 Datasheet HTML 6Page - Analog Devices AD9262 Datasheet HTML 7Page - Analog Devices AD9262 Datasheet HTML 8Page - Analog Devices AD9262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD9262
Rev. A | Page 4 of 32
AC SPECIFICATIONS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN = −2.0 dBFS,
unless otherwise noted.
Table 2.
Parameter1
Temp
AD9262BCPZ
AD9262BCPZ-5
AD9262BCPZ-10
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 600 kHz2
Full
86
89
dB
fIN = 1.2 MHz3
Full
89
83
86
dB
fIN = 2.4 MHz4
Full
89
86
81
83
dB
fIN = 4.2 MHz
25°C
86
83
dB
fIN = 8.4 MHz
25°C
83
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 600 kHz
25°C
Bits
fIN = 1.2 MHz
25°C
14.5
Bits
fIN = 2.4 MHz
25°C
14.5
14
Bits
fIN = 4.2 MHz
25°C
14
13.5
Bits
fIN = 8.4 MHz
25°C
13.5
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 600 kHz2
Full
−87
−80
dBc
fIN = 1.2 MHz3
Full
−87
−87
−80
dBc
fIN = 2.4 MHz4
Full
<−120
−87
−87
−80
dBc
fIN = 4.2 MHz
25°C
<−120
−87
dBc
fIN = 8.4 MHz
25°C
<−120
dBc
NOISE SPECTRAL DENSITY (NSD)
AIN = −2 dBFS
Full
−154.3
−152
−155
−152
−155
−153
dBFS/Hz
AIN = −40 dBFS
Full
−155.4
−154
−156
−154.5
−156
−154.5
dBFS/Hz
NOISE FIGURE5
25°C
15.6
15
15
dB
TWO-TONE SFDR
fIN1 = 1.8 MHz @ −8 dBFS, fIN2 = 2.1 MHz @ −8 dBFS
25°C
−92
dBc
fIN1 = 2.1 MHz @ −8 dBFS, fIN2 = 2.4 MHz @ −8 dBFS
25°C
−93
−93
dBc
fIN1 = 3.7 MHz @ −8 dBFS, fIN2 = 4.2 MHz @ −8 dBFS
25°C
−92.5
dBc
fIN1 = 7.2 MHz @ −8 dBFS, fIN2 = 8.4 MHz @ −8 dBFS
25°C
−92.5
dBc
CROSSTALK6
25°C
−110
−110
−110
dB
ANALOG INPUT BANDWIDTH
25°C
2.5
5
10
MHz
APERTURE JITTER
25°C
1
1
1
ps rms
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Data guaranteed over the full temperature range for the AD9262BCPZ only.
3 Data guaranteed over the full temperature range for the AD9262BCPZ-5 only.
4 Data guaranteed over the full temperature range for the AD9262BCPZ-10 only.
5 Noise figure with respect to 50 Ω. AD9262 internal impedance is 1000 Ω differential. See the AN-835 Application Note for a definition.
6 Crosstalk measured with an input signal on both channels at different frequencies and the leakage of one on to the other.


Número de pieza similar - AD9262

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262-10EBZ AD-AD9262-10EBZ Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262-5EBZ AD-AD9262-5EBZ Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262BCPZ AD-AD9262BCPZ Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9262BCPZ-10 AD-AD9262BCPZ-10 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
More results

Descripción similar - AD9262

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9261 AD-AD9261 Datasheet
577Kb / 29P
   16-Bit, 10 MHz Bandwidth, 30 MSPS to 160 MSPS Continuous Time Sigma-Delta ADC
AD9262 AD-AD9262 Datasheet
1Mb / 32P
   16-Bit, 2.5 MHz/5 MHz/10 MHz, 30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
AD9267 AD-AD9267 Datasheet
531Kb / 24P
   10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator
REV. 0
AD9267 AD-AD9267_17 Datasheet
555Kb / 25P
   Dual Continuous Time Sigma-Delta Modulator
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
AD7723 AD-AD7723 Datasheet
435Kb / 23P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. 0
AD7723BSZ AD-AD7723BSZ Datasheet
751Kb / 32P
   16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
logo
Texas Instruments
ADC12EU050 TI1-ADC12EU050 Datasheet
989Kb / 44P
[Old version datasheet]   45 MSPS Sigma-Delta Analog-to-Digital Converter
logo
Analog Devices
AD9049 AD-AD9049 Datasheet
295Kb / 12P
   9-Bit, 30 MSPS ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com