Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9212ABCPZ-40 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD9212ABCPZ-40
Descripción Electrónicos  Serial LVDS, 1.8 V ADC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9212ABCPZ-40 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9212ABCPZ-40 Datasheet HTML 5Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 6Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 7Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 8Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 9Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 10Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 11Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 12Page - Analog Devices AD9212ABCPZ-40 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
AD9212
Data Sheet
Rev. E | Page 8 of 56
TIMING DIAGRAMS
DCO+
DCO–
CLK+
FCO+
FCO–
D – x
D + x
CLK–
VIN ± x
MSB
N – 9
N – 1
N
D8
N – 9
D7
N – 9
D5
N – 9
tDATA
tFRAME
tFCO
tPD
D4
N – 9
D6
N – 9
D8
N – 8
D7
N – 8
D5
N – 8
D6
N – 8
D3
N – 9
D1
N – 9
MSB
N – 8
D0
N – 9
D2
N – 9
tCPD
tEH
tA
tEL
Figure 2. 10-Bit Data Serial Stream (Default), MSB First
DCO–
DCO+
D – x
D + x
FCO–
FCO+
VIN ± x
CLK–
CLK+
MSB
N – 9
D10
N – 9
D9
N – 9
D8
N – 9
D7
N – 9
D6
N – 9
D5
N – 9
D4
N – 9
D3
N – 9
D2
N – 9
D1
N – 9
D0
N – 9
D10
N – 8
MSB
N – 8
N – 1
N
tDATA
tFRAME
tFCO
tPD
tCPD
tEH
tA
tEL
Figure 3.12-Bit Data Serial Stream, MSB First


Número de pieza similar - AD9212ABCPZ-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9212ABCPZ-40 AD-AD9212ABCPZ-40 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results

Descripción similar - AD9212ABCPZ-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com