Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9236BCPZ-80 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9236BCPZ-80
Descripción Electrónicos  12-Bit, 80 MSPS, 3 V A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9236BCPZ-80 Datasheet(HTML) 4 Page - Analog Devices

  AD9236BCPZ-80 Datasheet HTML 1Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 2Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 3Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9236BCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
AD9236
Rev. C | Page 3 of 36
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, sample rate = 80 MSPS, 2 V p-p differential input, 1.0 V external reference, unless otherwise noted.
Table 1.
Parameter
Temp
Test Level
AD9236BRU/AD9236BCP
Unit
Min
Typ
Max
RESOLUTION
Full
VI
12
Bits
ACCURACY
No Missing Codes
Full
VI
Guaranteed
Offset Error1
Full
VI
±0.30
±1.30
% FSR
Gain Error
25°C
V
±0.10
% FSR
Gain Error1
Full
VI
±0.30
±4.34
% FSR
Differential Nonlinearity (DNL)2
Full
VI
±0.40
±0.65
LSB
Integral Nonlinearity (INL)2
Full
VI
±0.35
±1.20
LSB
TEMPERATURE DRIFT
Offset Error1
Full
V
±6
ppm/°C
Gain Error
Full
V
±12
ppm/°C
Gain Error1
Full
V
±18
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V)
Full
VI
±2
±35
mV
Load Regulation @ 1.0 mA
25°C
V
0.8
mV
Output Voltage Error (0.5 V)
25°C
V
±1
mV
Load Regulation @ 0.5 mA
25°C
V
0.1
mV
INPUT REFERRED NOISE
VREF = 0.5 V
25°C
V
0.55
LSB rms
VREF = 1.0 V
25°C
V
0.28
LSB rms
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
IV
1
V p-p
Input Span, VREF = 1.0 V
Full
IV
2
V p-p
Input Capacitance3
Full
V
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
IV
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
2.5
3.6
V
Supply Current
IAVDD4
Full
VI
122
137
mA
IDRVDD4
25°C
V
8
mA
PSRR
25°C
V
±0.01
% FSR
POWER CONSUMPTION
Low Frequency Input4
25°C
V
366
mW
Standby Power5
25°C
V
1.0
mW
1
With a 1.0 V internal reference.
2
Measured at low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
3
Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 5 for the equivalent analog input structure.
4
Measured at AC Specifications conditions without output drivers.
5
Measured with a dc input, CLK pin inactive (that is, set to AVDD or AGND).


Número de pieza similar - AD9236BCPZ-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9236BCPZ-80 AD-AD9236BCPZ-80 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
More results

Descripción similar - AD9236BCPZ-80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
Rev. B
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
   12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com