Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADDR1600W8G11 Datasheet(PDF) 2 Page - A-Data Technology

No. de pieza ADDR1600W8G11
Descripción Electrónicos  High speed up to 1600MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-DATA [A-Data Technology]
Página de inicio  https://www.adata.com
Logo A-DATA - A-Data Technology

ADDR1600W8G11 Datasheet(HTML) 2 Page - A-Data Technology

  ADDR1600W8G11 Datasheet HTML 1Page - A-Data Technology ADDR1600W8G11 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Type
U-DIMM
VLP U-DIMM
R-DIMM
VLP R-DIMM
SO-DIMM
Form factor
Standard
(1.18" height)
Standard
(1.18" height)
Standard
(1.18" height)
Very low profile
(0.7" height)
Standard
(1.18" height)
Suitable for
Desktop
Desktop / Thin
client
Enterprise servers
/ data centers
Blade servers
Notebook
Interface
240-pin
240-pin
240-pin
240-pin
204-pin
Capacity
2GB/4GB/8GB
4GB/8GB
4GB/8GB/16GB
4GB/8GB
2GB/4GB/8GB
Rank
Single / Dual
Single / Dual
Single / Dual
Single / Dual
Single / Dual
Speed
Up to 1600MHz
VDD voltage
1.35V
CAS latency
CL11
Refresh
Auto-refresh / self-refresh
Operating
temperature
0°C-85°C
RoHS
Yes
Standard
JEDEC
Warranty
Limited lifetime warranty
Ordering Information
Product
Capacity
Rank
Voltage
Data rate
Speed
CL
Part number
U-DIMM
2GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDU160022G11
4GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDU1600W4G11
8GB
Dual
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDU1600W8G11
VLP U-DIMM
4GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDX1600W4G11
8GB
Dual
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDX1600W8G11
R-DIMM
4GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDR1600W4G11
8GB
Dual
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDR1600W8G11
16GB
Dual
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDR1600Y16G11
VLP R-DIMM
4GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDV1600W4G11
8GB
Dual
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDV1600W8G11
SO-DIMM
2GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDS160022G11
4GB
Single
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDS1600W4G11
8GB
Dual
1.35V
1600MT/s
PC3L-12800
CL = 11
ADDS1600W8G11


Número de pieza similar - ADDR1600W8G11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ADDR16 ETC2-ADDR16 Datasheet
1Mb / 68P
   Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
More results

Descripción similar - ADDR1600W8G11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-Data Technology
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
logo
List of Unclassifed Man...
MI-I56SL ETC2-MI-I56SL Datasheet
320Kb / 1P
   1x SO-DIMM DDR3L-1333/1600MHz up to 8G
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
RF Micro Devices
RFPA1802 RFMD-RFPA1802 Datasheet
872Kb / 10P
   Integrated Power Amplifier 1600MHz to 2000MHz
logo
Linear Technology
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598_15 Datasheet
293Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
logo
Maxim Integrated Produc...
MAX2042A MAXIM-MAX2042A Datasheet
10Mb / 52P
   SiGe High-Linearity, 1600MHz to 3900MHz Upconversion/Downconversion
Rev 0; 6/11
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com