Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD4U240038G17-S Datasheet(PDF) 1 Page - A-Data Technology

No. de pieza AD4U240038G17-S
Descripción Electrónicos  High speed up to 2400MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  A-DATA [A-Data Technology]
Página de inicio  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U240038G17-S Datasheet(HTML) 1 Page - A-Data Technology

  AD4U240038G17-S Datasheet HTML 1Page - A-Data Technology AD4U240038G17-S Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Premier DDR4 2400 Unbuffered DIMM
Premier DDR4 2400 U-DIMM represents a new and appealing desktop memory upgrade option, with optimized
support for the latest Intel processor and chipset platforms delivering high performance. Meticulous compliance with
JEDEC DDR4 specifications means fast clock frequencies up to 2400MHz combined with 20% power draw savings
compared to DDR3. Premier DDR4 2400 modules therefore boost both performance and environmental conservation.
Features
● High speed up to 2400MHz
● Transfer bandwidth up to 17GB/s
● Energy efficient: saves 20% power compared to
DDR3
● 8-layer PCB provides improved signal transfer and
system stability
● Supports Intel Skylake, Kaby Lake, and Cannon Lake
platforms
Specifications
● For desktop PCs
● Module: 288-pin DIMM
● Densities: 4GB / 8GB / 16GB
● Power supply: VDD and VDDQ=1.2V +0.06/-0.06V
● DRAM activation power supply: VPP = 2.5V (+0.25V /
-0.125V)
● DRAM VCC: DDR4 STD 1.2V
● Operating temperature: 0°C to 85°C
● Warranty: limited lifetime


Número de pieza similar - AD4U240038G17-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-Data Technology
AD4U2133W4G15-2 A-DATA-AD4U2133W4G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-B A-DATA-AD4U2133W4G15-B Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-R A-DATA-AD4U2133W4G15-R Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W4G15-S A-DATA-AD4U2133W4G15-S Datasheet
401Kb / 2P
   High speed up to 2133MHz
AD4U2133W8G15-2 A-DATA-AD4U2133W8G15-2 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results

Descripción similar - AD4U240038G17-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A-Data Technology
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
   DDR4 2400MHz memory, up to 32GB
logo
Taoglas antenna solutio...
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
   2400MHz to 2500MHz Antenna
logo
A-Data Technology
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
   2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
RF Micro Devices
RFDA2077 RFMD-RFDA2077 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 1700MHz to 2400MHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com