Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9235BRURL7-65 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD9235BRURL7-65
Descripción Electrónicos  3V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9235BRURL7-65 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9235BRURL7-65 Datasheet HTML 4Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 5Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 6Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 7Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 8Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 9Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 10Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 11Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Data Sheet
AD9235
Rev. D | Page 7 of 40
ABSOLUTE MAXIMUM RATINGS
Table 5.
Pin Name
With
Respect to
Min
Max
Unit
ELECTRICAL
AVDD
AGND
–0.3
+3.9
V
DRVDD
DGND
–0.3
+3.9
V
AGND
DGND
–0.3
+0.3
V
AVDD
DRVDD
–3.9
+3.9
V
Digital
Outputs
DGND
–0.3
DRVDD + 0.3
V
CLK, MODE
AGND
–0.3
AVDD + 0.3
V
VIN+, VIN–
AGND
–0.3
AVDD + 0.3
V
VREF
AGND
–0.3
AVDD + 0.3
V
SENSE
AGND
–0.3
AVDD + 0.3
V
REFB, REFT
AGND
–0.3
AVDD + 0.3
V
PDWN
AGND
–0.3
AVDD + 0.3
V
ENVIRONMENTAL1
Operating Temperature
–40
+85
°C
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
Storage Temperature
–65
+150
°C
1
Typical thermal impedances (28-lead TSSOP), θJA = 67.7°C/W; (32-lead
LFCSP), θJA = 32.5°C/W, θJC = 32.71°C/W. These measurements were taken on
a 4-layer board in still air, in accordance with EIA/JESD51-1.
Absolute maximum ratings are limiting values to be applied
individually and beyond which the serviceability of the circuit
may be impaired. Functional operability is not necessarily
implied. Exposure to absolute maximum rating conditions for
an extended period of time may affect device reliability.
EXPLANATION OF TEST LEVELS
Test
Levels
Description
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characteriza-
tion testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by de-
sign and characterization testing for industrial tem-
perature range; 100% production tested at tempera-
ture extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy elec-
trostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation
or loss of functionality.


Número de pieza similar - AD9235BRURL7-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9235BRURL7-65 AD-AD9235BRURL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRURL7-65 AD-AD9235BRURL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRURL7-65 AD-AD9235BRURL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results

Descripción similar - AD9235BRURL7-65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com