Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9218-65PCB Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9218-65PCB
Descripción Electrónicos  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9218-65PCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9218-65PCB Datasheet HTML 2Page - Analog Devices AD9218-65PCB Datasheet HTML 3Page - Analog Devices AD9218-65PCB Datasheet HTML 4Page - Analog Devices AD9218-65PCB Datasheet HTML 5Page - Analog Devices AD9218-65PCB Datasheet HTML 6Page - Analog Devices AD9218-65PCB Datasheet HTML 7Page - Analog Devices AD9218-65PCB Datasheet HTML 8Page - Analog Devices AD9218-65PCB Datasheet HTML 9Page - Analog Devices AD9218-65PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD9218
Rev. C | Page 5 of 28
AC SPECIFICATIONS
VDD = 3.0 V, VD = 3.0 V; external reference, unless otherwise noted.
Table 3.
Test
AD9218BST-40/-65
AD9218BST-80/-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE1
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25°C
I
58/55
59/57
57/53
58/55
dB
fIN = Nyquist2
25°C
I
–/54
59/56
55/52
57/54
dB
Signal-to-Noise and Distortion (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25°C
I
58/54
59/56
56/52
58/53
dB
fIN = Nyquist2
25°C
I
–/53
59/55
55/51
57/53
dB
Effective Number of Bits
fIN = 10.3 MHz
25°C
I
9.4/8.8
9.6/9.1
9.1/8.4
9.4/8.6
Bits
fIN = Nyquist2
25°C
I
–/8.6
9.6/8.9
9/8.3
9.3/8.6
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25°C
I
–72/–66
–89/–77
–69/–60
–77/–68
dBc
fIN = Nyquist2
25°C
I
–/–63
–89/–72
–65/–57
–76/–66
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25°C
I
–68/–62
–79/–68
–62/–57
–71/–63
dBc
fIN = Nyquist2
25°C
I
–/–60
–78/–64
–63/–57
–73/–69
dBc
Spurious Free Dynamic Range (SFDR)
fIN = 10.3 MHz
25°C
I
–68/–62
–79/–67
–62/–57
–69/–62
dBc
fIN = Nyquist2
25°C
I
–/–60
–78/–64
–63/–57
–70/–63
dBc
Two-Tone Intermodulation Distortion (IMD)
fIN1 = 10 MHz, fIN2 = 11 MHz at –7 dBFS
25°C
V
–74/–73
dBc
fIN1 = 30 MHz, fIN2 = 31 MHz at –7 dBFS
25°C
V
–73/–73
–77/–67
dBc
Analog Bandwidth, Full Power
25°C
V
300
300
MHz
Crosstalk
25°C
V
–75
–75
dBc
1 AC specifications based on an analog input voltage of –0.5 dBFS at 10.3 MHz, unless otherwise noted. AC specifications for 40, 80, 105 grades are tested in 1 V p-p
range and driven differentially. AC specifications for 65 grade are tested in 2 V p-p range and driven differentially.
2 The 65, 80, and 105 grades are tested close to Nyquist for that grade: 31 MHz, 39 MHz, and 51 MHz for the 65, 80, and 105 grades, respectively.


Número de pieza similar - AD9218-65PCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9218-65PCB AD-AD9218-65PCB Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218-65PCB AD-AD9218-65PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-65PCB AD-AD9218-65PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Descripción similar - AD9218-65PCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com