Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB340U Datasheet(PDF) 4 Page - GOOD-ARK Electronics

No. de pieza SMB340U
Descripción Electrónicos  Ultra fast Boost Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMB340U Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SMB340U Datasheet HTML 1Page - GOOD-ARK Electronics SMB340U Datasheet HTML 2Page - GOOD-ARK Electronics SMB340U Datasheet HTML 3Page - GOOD-ARK Electronics SMB340U Datasheet HTML 4Page - GOOD-ARK Electronics SMB340U Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMB340U thru SMB360U
Ultra fast Boost Rectifier
Reverse Voltage 400~600V Forward Current 3A
Package Outline Dimensions
in inches (millimeters)
Packing Information
3000 pcs/Reel, 18 Reels/Box; 12mm Tape, 13" Reel
Tape & Reel Specification
B0
5.74±0.1
P1
8.0±0.1
P0
4.0±0.1
P2
2.0±0.05
A0
3.95±0.1
F
5.5±0.05
D0
1.5±0.1
D1
1.50 +0.1/-0
Symbols
SMB(mm)
W
12±0.2
E
1.75±0.1
www.goodark.com
4/5
2017.04-Rev.B


Número de pieza similar - SMB340U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
SMB340U GOOD-ARK-SMB340U_15 Datasheet
306Kb / 5P
   Ultra fast Boost Rectifier Reverse Voltage 400~600V Forward Current 3A
More results

Descripción similar - SMB340U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
SGC340U GOOD-ARK-SGC340U Datasheet
466Kb / 5P
   Ultra fast Boost Rectifier
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com