Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD25501F3T Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD25501F3T
Descripción Electrónicos  ??0-V P-Channel FemtoFET MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25501F3T Datasheet(HTML) 1 Page - Texas Instruments

  CSD25501F3T Datasheet HTML 1Page - Texas Instruments CSD25501F3T Datasheet HTML 2Page - Texas Instruments CSD25501F3T Datasheet HTML 3Page - Texas Instruments CSD25501F3T Datasheet HTML 4Page - Texas Instruments CSD25501F3T Datasheet HTML 5Page - Texas Instruments CSD25501F3T Datasheet HTML 6Page - Texas Instruments CSD25501F3T Datasheet HTML 7Page - Texas Instruments CSD25501F3T Datasheet HTML 8Page - Texas Instruments CSD25501F3T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
0.7 mm
0.6 mm
0.2 mm
R
G
D
G
S
R
C
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD25501F3
SLPS692 – OCTOBER 2017
CSD25501F3 –20-V P-Channel FemtoFET™ MOSFET
1
1 Features
1
Low On-Resistance
Ultra-Low Qg and Qgd
Ultra-Small Footprint
0.7 mm × 0.6 mm
Low Profile
0.22-mm Max Height
Integrated ESD Protection Diode
Lead and Halogen Free
RoHS Compliant
2 Applications
Optimized for Load Switch Applications
Battery Applications
Handheld and Mobile Applications
3 Description
This
–20-V,
64-mΩ,
P-Channel
FemtoFET™
MOSFET is designed and optimized to minimize the
footprint in many handheld and mobile applications.
This technology is capable of replacing standard
small signal MOSFETs while providing a substantial
reduction in footprint size. The integrated 10-k
clamp resistor (RC) allows the gate voltage (VGS) to
be operated above the maximum internal gate oxide
value of –6 V depending on duty cycle. The gate
leakage (IGSS) through the diode increases as VGS is
increased above –6 V.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
–20
V
Qg
Gate Charge Total (–4.5 V)
1.02
nC
Qgd
Gate Charge Gate-to-Drain
0.09
nC
RDS(on)
Drain-to-Source
On-Resistance
VGS = –1.8 V
120
m
VGS = –2.5 V
86
VGS = –4.5 V
64
VGS(th)
Threshold Voltage
–0.75
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD25501F3
3000
7-Inch Reel
Femto
0.73-mm × 0.64-mm
Land Grid Array (LGA)
Tape
and
Reel
CSD25501F3T
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C (unless otherwise stated)
VALUE
UNIT
VDS
Drain-to-Source Voltage
–20
V
VGS
Gate-to-Source Voltage
–20
V
ID
Continuous Drain Current(1)
–3.6
A
IDM
Pulsed Drain Current(1)(2)
–13.6
A
PD
Power Dissipation(1)
500
mW
V(ESD)
Human-Body Model (HBM)
4000
V
Charged-Device Model (CDM)
2000
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1) Typical RθJA = 255°C/W mounted on FR4 material with
minimum Cu mounting area.
(2) Pulse duration
≤ 100 μs, duty cycle ≤ 1%.
Typical Part Dimensions
Top View


Número de pieza similar - CSD25501F3T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25201W15 TI1-CSD25201W15 Datasheet
323Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25202W15 TI1-CSD25202W15 Datasheet
416Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25202W15T TI1-CSD25202W15T Datasheet
416Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results

Descripción similar - CSD25501F3T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25484F4 TI-CSD25484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD25484F4 ??0 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25481F4, 20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com