Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2623QNHLTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2623QNHLTQ1
Descripción Electrónicos  Automotive Gated-Oscillator-Based DC-DC Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2623QNHLTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  LM2623QNHLTQ1 Datasheet HTML 1Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 2Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 3Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 4Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 5Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 6Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 7Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 8Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
PGND
PGND
EN
FREQ
FB
NC
NC
NC
SW
SW
BOOT
VDD
SGND
3
LM2623-Q1
www.ti.com
SNVSAO5 – OCTOBER 2017
Product Folder Links: LM2623-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
NHL Package
14-Pin WSON
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
NC
No connect
2, 3
PGND
GND
Power ground (pins 2 and 3 must be shorted together)
4
EN
Digital
Active-low shutdown input
5
FREQ
Analog
Frequency adjust; connect an external resistor between this pin and a voltage source
sets the switching frequency of the LM2623-Q1.
6
FB
Analog
Output voltage feedback
7
NC
No connect
8
NC
No connect
9
SGND
GND
Signal ground
10
VDD
Power
Power supply for internal circuitry
11
BOOT
Analog
Bootstrap supply for the gate drive of internal MOSFET power switch
12, 13
SW
Analog
Drain of the internal MOSFET power switch (pins 12 and 13 must be shorted together)
14
NC
No connect
DAP
DAP
Thermal
Solder to board for enhanced thermal dissipation; must be electrically isolated/floating.


Número de pieza similar - LM2623QNHLTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results

Descripción similar - LM2623QNHLTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com