Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4004S Datasheet(PDF) 1 Page - Suntan Capacitors

No. de pieza 1N4004S
Descripción Electrónicos  GENERAL PURPOSE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNTAN [Suntan Capacitors]
Página de inicio  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4004S Datasheet(HTML) 1 Page - Suntan Capacitors

  1N4004S Datasheet HTML 1Page - Suntan Capacitors 1N4004S Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
1N4001S THRU 1N4007S
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
F E A T U R E S
◆The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
◆Construction utilizes void-free molded plastic technique
◆Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250℃/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
◆Case: A-405 molded plastic body
◆Terminals: Plated axial leads, solderable per
MIL-STD-750,Method 2026
◆Polarity: Color band denotes cathode end
◆Mounting position: Any
◆Weight: 0.22 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
1N
4001S
1N
4002S
1N
4003S
1N
4004S
1N
4005S
1N
4006S
1N
4007S
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
VOLTS
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
VOLTS
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
VOLTS
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=55℃
I(AV)
1.0
Amp
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.1
VOLTS
Maximum DC Reverse Current
TA= 25℃
at Rated DC blocking voltage
TA = 100℃
IR
5.0
50.0
mA
Typical Junction Capacitance (Note 1)
CJ
15.0
pF
Typical Thermal Resistance (Note 2)
RθJA
50.0
℃/W
Operating junction and storage temperature range
TJ ,TSTG
-55 to +150
Note:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
A-405
Dimensions in inches and (millimeters)


Número de pieza similar - 1N4004S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4004S PANJIT-1N4004S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4004S DIOTEC-1N4004S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4004S DIOTECH-1N4004S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Compact Technology Corp...
1N4004S CTC-1N4004S Datasheet
73Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Transys Electronics
1N4004S TRSYS-1N4004S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Descripción similar - 1N4004S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com