Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS22A Datasheet(PDF) 1 Page - Suntan Capacitors |
|
SS22A Datasheet(HTML) 1 Page - Suntan Capacitors |
1 / 2 page Suntan® Su® SS22A THRU SS210A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Ampere F E A T U R E S ◆Low profile surface mount package ◆Built in strain relief ◆High switching speed ◆Low voltage drop, high efficiency ◆For use in low voltage high frequency inverters ◆Free willing ,and polarity protection applications ◆Guardring for over voltage protection Mechanical Data ◆Case: Transfer molded plastic ◆Epoxy: UL 94V-0 rate flame retardant ◆Lead :Solder plated, solderable per MIL-STD-750 method 2026 ◆Polarity: Color band denotes cathode end ◆Weight: 0.003 ounce, 0.093 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20% PARAMETER SYMBOL SS 22A SS 23A SS 24A SS 25A SS 26A SS 28A SS 29A SS 210A UNIT Maximum Repetitive Peak Reverse Voltage VRRM 20 30 40 50 60 80 90 100 Volts Maximum RMS Voltage VRMS 14 21 28 35 42 56 63 70 Volts Maximum DC Blocking Voltage VDC 20 30 40 50 60 80 90 100 Volts Maximum Average Forward Rectified Current at TL see figure 1 TL =105℃ I(AV) 2.0 Amps Peak Forward Surge Current 8.3mS single half sine-wave superimposed on rated load (JEDEC method) IFSM 50 Amps Maximum Instantaneous Forward Voltage @ 2.0A(Note1) VF 0.55 0.70 0.85 Volts Maximum DC Reverse Current at rated.DC Blocking Voltage per element TA = 25℃ IR 0.5 mA TA = 100℃ 20.0 10.0 Typical Thermal Resistance (Note 2) RθJA 55 ℃/W RθJL 12 Operating Junction Temperature TJ -55 to +125 ℃ Storage Temperature Range TSTG -55 to +150 ℃ Note: 1. Pulse test: 300μs pulse width,1% duty cycle 2. PCB mounted with 0.2”×0.2” (5.0mm×5.0mm) copper pads Suntan ® Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 DO-214AC(SMA) Dimensions in inches and (millimeters) |
Número de pieza similar - SS22A |
|
Descripción similar - SS22A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |