Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6J45 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza SM6J45
Descripción Electrónicos  TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM6J45 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SM6J45 Datasheet HTML 1Page - Toshiba Semiconductor SM6J45 Datasheet HTML 2Page - Toshiba Semiconductor SM6J45 Datasheet HTML 3Page - Toshiba Semiconductor SM6J45 Datasheet HTML 4Page - Toshiba Semiconductor SM6J45 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM6G45,SM6J45,SM6G45A,SM6J45A
2001-07-13
2
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Repetitive Peak Off−State
Current
IDRM
VDRM = Rated, Tj = 125°C
2
mA
I
T2 (+), Gate (+)
2
II
T2 (+), Gate (−)
2
III
T2 (−), Gate (−)
2
SM6G45
SM6J45
IV
T2 (−), Gate (+)
I
T2 (+), Gate (+)
1.5
II
T2 (+), Gate (−)
1.5
III
T2 (−), Gate (−)
1.5
Gate
Trigger
Voltage
SM6G45A
SM6J45A
IV
VGT
VD = 12V
RL = 20Ω
T2 (−), Gate (+)
V
I
T2 (+), Gate (+)
30
II
T2 (+), Gate (−)
30
III
T2 (−), Gate (−)
30
SM6G45
SM6J45
IV
T2 (−), Gate (+)
I
T2 (+), Gate (+)
20
II
T2 (+), Gate (−)
20
III
T2 (−), Gate (−)
20
Gate
Trigger
Current
SM6G45A
SM6J45A
IV
IGT
VD = 12V
RL = 20Ω
T2 (−), Gate (+)
mA
Peak On−State Voltage
VTM
ITM = 9A
1.5
V
Gate Non−Trigger Voltage
VGD
VD = Rated, Tc = 125°C
0.2
V
Holding Current
IH
VD = 12V, ITM = 1A
50
mA
Thermal Resistance
Rth (j−c)
Junction to Case, AC
2.5
°C / W
SM6G45
SM6J45
10
Critical Rate of
Rise of Off−
State Voltage
at
Commutation
SM6G45A
SM6J45A
(dv / dt) c
VDRM = 400V,
(di / dt) c = −3.3A / ms
Tj = 125°C
4
V / µs
MARKING
NUMBER
SYMBOL
MARK
SM6G45, SM6G45A
M6G45
* 1
SM6J45, SM6J45A
M6J45
* 2
TYPE
SM6G45A, SM6J45A
A
* 3
Example
8A : January 1998
8B : Febrary 1998
8L : December 1998


Número de pieza similar - SM6J45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
SM6J48 TOSHIBA-SM6J48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM6J48A TOSHIBA-SM6J48A Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
More results

Descripción similar - SM6J45

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
SM8LZ47 TOSHIBA-SM8LZ47 Datasheet
214Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6JZ47 TOSHIBA-SM6JZ47 Datasheet
235Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM12G45 TOSHIBA-SM12G45 Datasheet
196Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM3GZ47 TOSHIBA-SM3GZ47 Datasheet
212Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM25JZ51 TOSHIBA-SM25JZ51 Datasheet
199Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR ILICON PLANAR TYPE
logo
Fairchild Semiconductor
FKN2L80 FAIRCHILD-FKN2L80 Datasheet
155Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF3N80 FAIRCHILD-FKPF3N80 Datasheet
143Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKN2L60 FAIRCHILD-FKN2L60 Datasheet
127Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF5N80 FAIRCHILD-FKPF5N80 Datasheet
158Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com