Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM3015D Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza SM3015D
Descripción Electrónicos  REMOTE FAN MCU
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3015D Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SM3015D Datasheet HTML 1Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 2Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 3Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3015D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Page 4
PIN DESCRIPTIONS
14
15
16
17
18
19
20
21
22
23
24
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
Pin Name
LIGHT
DI
ON_OFF/OFF
TIMER
SPEED
MODE
COM1
COM2
COM3
SWING1
SWING2
SLT
I / O
I
I
I/O
I/O
I/O
I/O
O
O
O
I
I
I/O
Function
Light control input
Remote control input
On-Off or Off function control input
Timer setting input
Wind grade selection input
Wind mode selection input
LED scanning common pin / Customer code
LED scanning common pin / Customer code
LED scanning common pin
Swing head control input / Customer code
Swing head control input
Sleep time control input
NC
SHO2
SHO1
STRONG
MEDIUM
LOW
VDD
BUZ
OSC2
OSC1
VSS
LTO
O
O
O
O
O
POWER
O
O
I
POWER
O
No connection
Swing head / tuner pulse output
Swing head / tuner pulse output
Wind speed control output
Wind speed control output
Wind speed control output
Positive power supply
Trigger output to drive piezo
Crystal output
Crystal input
Negative power supply (Substrate)
Light control output
V.2.0 Mar 8, 2002
SM3015
SAMHOP Microelectronics Corp.
三合微科股份有限公司
REMOTE FAN MCU


Número de pieza similar - SM3015D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM30100D SECOS-SM30100D Datasheet
300Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Sinopower Semiconductor...
SM3016NSU SINOPWER-SM3016NSU Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3016NSUC-TRG SINOPWER-SM3016NSUC-TRG Datasheet
179Kb / 12P
   N-Channel Enhancement Mode MOSFET
SM3017NSU SINOPWER-SM3017NSU Datasheet
276Kb / 12P
   N-Channel Enhancement Mode MOSFET
More results

Descripción similar - SM3015D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com