Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA2030 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
TDA2030 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 14 page TDA2030A LINEAR INTEGRATED CIRCUIT 2 (Continued) Output Power Po d=0.5%,Gv=26dB,f=40 to 5kHz RL=8W 15 18 W RL=4W 10 12 W Vs=+-19V, RL=4W 13 16 W Power Bandwidth BW Po=15W,RL=4W 100 KHz Open loop voltage Gain Gvo f=1kHz 80 dB Closed Loop Voltage Gain Gvc 25.5 26 26.5 dB Total harmonic distortion THD Po=0.1 to 14W,RL=4W f=1kHz 0.08 % Po=0.1 to 14W,RL=4W f=1kHz 0.03 % Total harmonic Distortion THD Po=0.1 to 9W,RL=8W f=40 to 15 kHz 0.05 % Second Order CCIF Intermodulation distortion d2 Po=4W ,RL=8W f2-f1=1 kHz 0.03 % Third Order CCIF Intermodulation Distortion d3 f2=14 kHz,f1=15kHz 0.08 % Input Noise Voltage B=curve A 2 mA Input Noise Voltage eN B= 22Hz to 22kHz 3 10 mV Input Noise Current iN B= 22Hz to 22kHz 80 200 pA Input Resistance(pin 1) Ri Open loop,f=1kHz 0.5 5 MW Supply Voltage Rejection RL=4W,Gv=26dB Rg=22kW,f=1kHz 54 dB Thermal Shut- Down Junction Temperature Tj 145 C CONTEK Contek Microelectronics Co.,Ltd. http://www.contek-ic.com E-mail:sales@contek-ic.com |
Número de pieza similar - TDA2030 |
|
Descripción similar - TDA2030 |