Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP8P105K040C Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TP8P105K040C
Descripción Electrónicos  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8P105K040C Datasheet(HTML) 3 Page - Vishay Siliconix

  TP8P105K040C Datasheet HTML 1Page - Vishay Siliconix TP8P105K040C Datasheet HTML 2Page - Vishay Siliconix TP8P105K040C Datasheet HTML 3Page - Vishay Siliconix TP8P105K040C Datasheet HTML 4Page - Vishay Siliconix TP8P105K040C Datasheet HTML 5Page - Vishay Siliconix TP8P105K040C Datasheet HTML 6Page - Vishay Siliconix TP8P105K040C Datasheet HTML 7Page - Vishay Siliconix TP8P105K040C Datasheet HTML 8Page - Vishay Siliconix TP8P105K040C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TP8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
3
Document Number: 40151
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
4.7
M
TP8M475M6R3C
0.50
8
6
0.06
10
M
TP8M106M6R3C
0.63
8
5
0.07
100
A
TP8A107(1)6R3C
6.30
30
3
0.16
10 VDC AT +85 °C; 7 VDC AT +125 °C
1.0
M
TP8M105M010C
0.50
6
12
0.05
3.3
M
TP8M335(1)010C
0.50
8
6
0.06
4.7
M
TP8M475M010C
0.50
8
6
0.06
6.8
W
TP8W685(1)010C
0.68
8
8
0.06
10
R
TP8R106(1)010C
1.00
8
8
0.08
15
R
TP8R156(1)010C
1.50
8
5
0.09
22
A
TP8A226(1)010C
2.20
8
8
0.10
47
B
TP8B476(1)010C
4.70
8
2
0.20
47
T
TP8T476(1)010C
4.70
8
1
0.29
16 VDC AT +85 °C; 10 VDC AT +125 °C
1.0
M
TP8M105M016C
0.50
6
12
0.05
2.2
M
TP8M225M016C
0.50
10
12
0.05
10
A
TP8A106(1)016C
1.60
8
6
0.11
10
R
TP8R106(1)016C
1.60
8
8
0.08
20 VDC AT +85 °C; 13 VDC AT +125 °C
1.0
M
TP8M105M020C
0.50
6
12
0.05
1.0
W
TP8W105M020C
0.50
8
8
0.06
3.3
R
TP8R335(1)020C
0.70
8
8
0.08
4.7
P
TP8P475(1)020C
0.90
6
6
0.09
6.8
B
TP8B685(1)020C
1.36
8
6
0.12
6.8
N
TP8N685(1)020C
1.36
8
6
0.11
10
A
TP8A106(1)020C
2.00
8
3
0.16
25 VDC AT +85 °C; 17 VDC AT +125 °C
1.0
R
TP8R105(1)025C
0.50
6
10
0.07
4.7
P
TP8P475(1)025C
1.20
6
6
0.09
40 VDC AT +85 °C; 28 VDC AT +125 °C
1.0
P
TP8P105(1)040C
0.50
8
10
0.07
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Número de pieza similar - TP8P105K040C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
TiMOTION Technology Co....
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
   Operational temperature range 5°C~45°C
20220209-F
logo
List of Unclassifed Man...
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results

Descripción similar - TP8P105K040C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com