Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VTE18L-4N344 Datasheet(PDF) 4 Page - SICK AG

No. de pieza VTE18L-4N344
Descripción Electrónicos  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

VTE18L-4N344 Datasheet(HTML) 4 Page - SICK AG

  VTE18L-4N344 Datasheet HTML 1Page - SICK AG VTE18L-4N344 Datasheet HTML 2Page - SICK AG VTE18L-4N344 Datasheet HTML 3Page - SICK AG VTE18L-4N344 Datasheet HTML 4Page - SICK AG VTE18L-4N344 Datasheet HTML 5Page - SICK AG VTE18L-4N344 Datasheet HTML 6Page - SICK AG VTE18L-4N344 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VTE18L-4N344 | V18 Laser
PHOTOELECTRIC SENSORS
ETIM 6.0
EC001821
UNSPSC 16.0901
39121528
Connection diagram
Cd-099
+ (L+)
C
- (M)
1
2
3
Q
4
WH
BU
BN
BK
Characteristic curve
VTE18L, radial
100
10
0
1
Sensing
range
Sensing
range
typ. max.
90%
18%
6%
mm
(inch)
50
(1.97)
100
(3.94)
150
(5.91)
200
(7.87)
250
(9.84)
Distance in mm (inch)
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice


Número de pieza similar - VTE18L-4N344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
VTE18L-4N324 SICK-VTE18L-4N324 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

Descripción similar - VTE18L-4N344

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com