Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

30F40UA3 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza 30F40UA3
Descripción Electrónicos  FAST RECOVER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

30F40UA3 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  30F40UA3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F40UA3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F40UA3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 30F40UA3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:
201310A
1/5
快恢复二极管
FAST RECOVER DIODE
30F40UA3
订 货 型 号
Order codes
Marking
Package
Packaging
器件重量
Device Weight
30F40UA3
30F40UA3
TO-3PH
泡沫
Foam
5.2g(typ)
封装 Package
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
TO-3PH
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
15×2 A
VRRM
400 V
Tj(max)
1
50℃
VF(typ)
1.20V
trr(typ)
30ns
APPLICATIONS
Switch power supply
用途
开关电源


Número de pieza similar - 30F40UA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
30F4013 MICROCHIP-30F4013 Datasheet
1Mb / 228P
   High-Performance,16-bit Digital Signal Controllers
08/04/10
logo
Thinki Semiconductor Co...
30F40FA THINKISEMI-30F40FA Datasheet
278Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
Rev.12T
More results

Descripción similar - 30F40UA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
   FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
   FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
   FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
   FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
   FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
   Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
   FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
   FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
   FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
   FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
   FAST RECOVER DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com